Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1082DEG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1082DEG
Description  Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1082DEG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1082DEG Datasheet HTML 1Page - ON Semiconductor NCP1082DEG Datasheet HTML 2Page - ON Semiconductor NCP1082DEG Datasheet HTML 3Page - ON Semiconductor NCP1082DEG Datasheet HTML 4Page - ON Semiconductor NCP1082DEG Datasheet HTML 5Page - ON Semiconductor NCP1082DEG Datasheet HTML 6Page - ON Semiconductor NCP1082DEG Datasheet HTML 7Page - ON Semiconductor NCP1082DEG Datasheet HTML 8Page - ON Semiconductor NCP1082DEG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP1082
http://onsemi.com
4
Simplified Application Diagrams
Figure 4. Non−Isolated Fly−back with Extra Winding and Rear Auxiliary Support
NCP1082
Rcs
Cvddl
Cvddh
Cpd
Css
Rosc
M1
T1
Cload
LD1
Rd1
Rclass
Rilim1
Rinrush
Rslope
Voutput
D1
GATE
RTN
FB
VPORTN2
VDDH
VDDL
VPORTN1
CLASS
ARTN
ILIM1
INRUSH
TEST
AUX
UVLO
CS
VPORTP
Data
Pairs
Spare
Pairs
R1
R2
RJ−45
DB1
DB2
Raux1
VAUX(+)
VAUX(−)
Raux2
Raux3
D3
D4
Cline
Z_line
COMP
SS
OSC
R3
R4
C1comp
C2comp
Rcomp
R5
D2
Figure 4 shows the same non−isolated fly−back configuration as Figure 3, but adds a 12 V auxiliary bias winding on the
transformer to provide power to the NCP1082 DC−DC controller via its VDDH pin. This topology shuts off the current flowing
from VPORTP to VDDH and therefore reduces the internal power dissipation of the PD, resulting in higher overall power
efficiency.
Figure 5. Non−Isolated Forward Converter with Rear Auxiliary Support
NCP1082
Rcs
Cvddl
Cvddh
Cpd
Css
Rosc
M1
T1
Cload
LD1
Rd1
Rclass
Rilim1
Rinrush
Rslope
Voutput
D1
GATE
RTN
FB
VPORTN2
VDDH
VDDL
VPORTN1
CLASS
ARTN
ILIM1
INRUSH
TEST
AUX
UVLO
CS
VPORTP
Data
Pairs
Spare
Pairs
R1
R2
RJ−45
DB1
DB2
Raux1
VAUX(+)
VAUX(−)
Raux2
Raux3
D4
D5
Cline
Z_line
COMP
SS
OSC
R3
R4
C1comp
C2comp
Rcomp
D3
D2
L1
Figure 5 shows the NCP1082 used in a non−isolated forward topology.


Similar Part No. - NCP1082DEG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1082DEG ONSEMI-NCP1082DEG Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com