Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1081 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1081
Description  Integrated High Power PoE-PD Interface & DC-DC Converter Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1081 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1081 Datasheet HTML 5Page - ON Semiconductor NCP1081 Datasheet HTML 6Page - ON Semiconductor NCP1081 Datasheet HTML 7Page - ON Semiconductor NCP1081 Datasheet HTML 8Page - ON Semiconductor NCP1081 Datasheet HTML 9Page - ON Semiconductor NCP1081 Datasheet HTML 10Page - ON Semiconductor NCP1081 Datasheet HTML 11Page - ON Semiconductor NCP1081 Datasheet HTML 12Page - ON Semiconductor NCP1081 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NCP1081
http://onsemi.com
9
Table 3. Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
VDDH REGULATOR
VDDH_reg
Regulator output voltage
(Notes 10 and 11)
Ivddh_load + Ivddl_load < 10 mA
with
0 < Ivddl_load < 2.25 mA
8.4
9
9.6
V
VDDH_Off
Regulator turn−off voltage
VDDH_reg
+ 0.5 V
V
For information only
VDDH_lim
VDDH regulator current limit
(Notes 10 and 11)
13
26
mA
VDDH_Por_R
VDDH POR level (rising)
7.3
8.3
V
VDDH_Por_F
VDDH POR level (falling)
6
7
V
VDDH_ovlo
VDDH over−voltage level (rising)
16
18.5
V
VDDL REGULATOR
VDDL_reg
Regulator output voltage
(Notes 10 and 11)
0 < lvddl_load < 2.25 mA
with
lvddh_load + Ivddl_load < 10 mA
3.05
3.3
3.55
V
VDDL_Por_R
VDDL POR level (rising)
VDDL
– 0.2
VDDL
– 0.02
V
VDDL_Por_F
VDDL POR level (falling)
2.5
2.9
V
GATE DRIVER
Gate_Tr
GATE rise time (10−90%)
50
ns
Cload = 2 nF,
VDDHreg = 9 V
Gate_Tf
GATE fall time (90−10%)
50
ns
Cload = 2 nF,
VDDHreg = 9 V
PWM COMPARATOR
VCOMP
COMP control voltage range
1.3
3
V
For information only
ERROR AMPLIFIER
Vbg_fb
Reference voltage
1.15
1.2
1.25
V
Voltage with respect to
ARTN
Av_ol
DC open loop gain
80
dB
For information only
GBW
Error amplifier GBW
1
MHz
For information only
SOFT−START
Vss
Soft−start voltage range
1.15
V
Vss_r
Soft−start low threshold (rising edge)
0.35
0.45
0.55
V
Iss
Soft−start source current
3
5
7
mA
CURRENT LIMIT COMPARATOR
CSth
CS threshold voltage
324
360
396
mV
Tblank
Blanking time
100
nS
For information only
OSCILLATOR
DutyC
Maximum duty cycle
80%
Fixed internally
Frange
Oscillator frequency range
100
500
kHz
F_acc
Oscillator frequency accuracy
±25
%
10.Power dissipation must be considered. Load on VDDH and VDDL must be limited especially if VDDH is not powered by an auxiliary winding.
11. Ivddl_load = current flowing out of the VDDL pin.
Ivddh_load = current flowing out of the VDDH pin + current delivered to the Gate Driver (function of the frequency, VDDH voltage & MOSFET
gate capacitance).


Similar Part No. - NCP1081

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1081 ONSEMI-NCP1081 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
More results

Similar Description - NCP1081

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1080 ONSEMI-NCP1080 Datasheet
207Kb / 14P
   Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
NCP1083 ONSEMI-NCP1083 Datasheet
246Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082 Datasheet
201Kb / 16P
   Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
logo
Texas Instruments
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
[Old version datasheet]   High-Power, High-Efficiency PoE PD and DC-to-DC Controller
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com