Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1080DEG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1080DEG
Description  Integrated PoE-PD & DC-DC Converter Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1080DEG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1080DEG Datasheet HTML 1Page - ON Semiconductor NCP1080DEG Datasheet HTML 2Page - ON Semiconductor NCP1080DEG Datasheet HTML 3Page - ON Semiconductor NCP1080DEG Datasheet HTML 4Page - ON Semiconductor NCP1080DEG Datasheet HTML 5Page - ON Semiconductor NCP1080DEG Datasheet HTML 6Page - ON Semiconductor NCP1080DEG Datasheet HTML 7Page - ON Semiconductor NCP1080DEG Datasheet HTML 8Page - ON Semiconductor NCP1080DEG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP1080
http://onsemi.com
3
Simplified Application Diagrams
LD1
Rd1
NCP1080
Data
Pairs
Spare
Pairs
Rcs
Cvddh
Cpd
Css
Rosc
M1
T1
Cload
Rclass
Rilim1
Rinrush
R1
R2
Optocoupler
R3
R4
R5
C1
Z1
Rslope
C2
Voutput
RJ−45
D1
DB1
DB2
OC1
GATE
RTN
FB
VPORTN2
VDDH
VDDL
VPORTN1
CLASS
ARTN
ILIM1
INRUSH
TEST1
TEST2
UVLO
CS
VPORTP
Cvddl
Figure 2. Isolated Fly−back Converter
Figure 2 shows the integrated PoE−PD switch and DC−DC controller configured to work in a fully isolated application. The
output voltage regulation is accomplished with an external opto−coupler and a shunt regulator (Z1).
NCP1080
GATE
RTN
FB
VPORTN2
VDDH
VDDL
Rcs
Cvddh
Cpd
C1comp
C2comp
Rcomp
Css Rosc
M1
T1
Cload
R3
R4
VPORTN1
CLASS
ARTN
ILIM1
INRUSH
TEST1
TEST2
Rclass
Rilim1
Rinrush
UVLO
CS
VPORTP
Rslope
Voutput
Data
Pairs
Spare
Pairs
R1
R2
RJ−45
DB1
DB2
LD1
Rd1
Cvddl
Figure 3. Non−Isolated Fly−back Converter
Figure 3 shows the integrated PoE−PD and DC−DC controller configured in a non−isolated fly−back configuration. A
compensation network is inserted between the FB and the COMP pin for overall stability of the feedback loop.


Similar Part No. - NCP1080DEG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080DEG ONSEMI-NCP1080DEG Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
More results

Similar Description - NCP1080DEG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082 Datasheet
201Kb / 16P
   Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
logo
Murata Manufacturing Co...
MYBSP01206AZFT MURATA1-MYBSP01206AZFT Datasheet
12Mb / 13P
   Isolated DC-DC converter for PoE PD
2018
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083 Datasheet
246Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com