Part Name
         Description
ISL9106

 1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator ( 13 Page)


INTERSIL
100% 
Zoom Out Zoom In
 
 3 page
background image
3
FN6509.0
June 29, 2007
PG
Output Low Voltage
Sinking 1mA, VFB = 0.7V
-
-
0.3
V
Delay Time
150
215
275
ms
PG Pin Leakage Current
PG = VIN = 3.6V
-
0.01
0.1
μA
Minimum Supply Voltage for Valid PG Signal
1.2
-
-
V
Internal PGOOD Low Rising Threshold
Percentage of Nominal Regulation Voltage
89.5
92
94.5
%
Internal PGOOD Low Falling Threshold
Percentage of Nominal Regulation Voltage
85
88
91
%
Internal PGOOD High Rising Threshold
Percentage of Nominal Regulation Voltage
108.2
110.7
113.2
%
Internal PGOOD High Falling Threshold
Percentage of Nominal Regulation Voltage
104
107
110
%
Internal PGOOD Delay Time
-50
-
µs
EN, MODE, RSI
Logic Input Low
--
0.4
V
Logic Input High
1.4
-
-
V
Logic Input Leakage Current
Pulled up to 5.5V
-
0.1
1
µA
Thermal Shutdown
-
150
-
°C
Thermal Shutdown Hysteresis
-25
-
°C
Electrical Specifications
Unless otherwise noted, all parameter limits are guaranteed over the recommended operating conditions and
the typical specifications are measured at the following conditions: TA = +25°C, VIN = VEN = VMODE = 3.6V,
VRSI = 0V, L = 2.2µH, C1 = 10µF, C2 = 10µF, IOUT = 0A (see the Typical Application Circuit). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL9106



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL62731.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator 1 2 3 4 5 MoreIntersil Corporation
ISL91071.5A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator 1 2 3 4 5 MoreIntersil Corporation
ISL80133A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator 1 2 3 4 5 MoreIntersil Corporation
34726300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode 1 2 3 4 5 MoreFreescale Semiconductor, Inc
ISL80122A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator 1 2 3 4 5 MoreIntersil Corporation
34727600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode 1 2 3 4 5 MoreFreescale Semiconductor, Inc
ISL80144A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl