Part Name
         Description
PLL250-882

 PLL Product Specification ( 2 Page)


SIRENZA
100% 
Zoom Out Zoom In
   
 1 page
background image
PLL Product Specification
Model:
PLL250-882(Y)
Rev: P4
Date: 9/1/2006
Customer:
SIRENZA
MICRODEVICES, INC.
AppNote: 113 Option 007000
Operating Temperature Range:
( -10 ° to 85 ° C)
RoHS Compliant
To order models as RoHS Compliant add "Y" suffix to base
model number.
Parameter
Min
Typ
Max
Units
X
Remarks
Frequency Range -
870
895
MHz
X
Step Size -
200
kHz
X
Settling Time - to within 5 deg.
0.4
0.45
mSec
Output Power:
RF Switch ON
0
2
4
dBm
X
RF Switch OFF
-58
-50
dBm
X
Output Phase Noise:
1 kHz
-92
-88
dBc/Hz
100 kHz
-124
-113
dBc/Hz
200 kHz
-133
-123
dBc/Hz
400 kHz
-141
-135
dBc/Hz
X
1800 kHz
-154
-150
dBc/Hz
3000 kHz
-158
-155
dBc/Hz
Power Supply:
VCC 1: VCO, PLL CP
5.75
6
6.25
Volts
X
VCC 2: Amp
4.75
5
5.25
Volts
X
VCC 3: PLL IC,Switch
3.15
3.3
3.45
Volts
X
Supply Current:
VCC 1
15
40
mA
X
VCC 2
45
80
mA
VCC 3
10
15
mA
Spurious Product:
200 kHz
-92
-80
dBc
X
400 kHz
-103
-90
dBc
1800 kHz
-120
-100
dBc
non-harmonic
-100
dBc
Reference Feedthrough -
-105
-95
dBc
Harmonic Suppression:
2nd Harmonic
-22
-18
dBc
X
3rd Harmonic
-35
-25
dBc
X
Ref Osc Signal:
Frequency
52
MHz
Performance tests and ratings for Sirenza Microdevices' products were performed internally by Sirenza and measured using specific computer systems
and/or components and reflect the approximate performance of the the products as measured by those tests. Any difference in circuit implementation, test
software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza
Microdevices assumes no responsibility for the use of this information. All such use shall be entirely at the user's own risk. Prices and specifications for
Sirenza Microdevices' products are subject to change without notice. Buyers should consult Sirenza Microdevices' standard terms and conditions of sale
for Sirenza's limited warranty with regard to its products. These products may be patented or include patented technology. No patent rights or licenses to
any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product for use in
life-support devices and/or systems.
Page 1 of 2



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PLL250-588PLL Product Specification 1 2 SIRENZA MICRODEVICES
PLL250-647PLL Product Specification 1 2 SIRENZA MICRODEVICES
AM03MCOUPLER Product Specification 1 SIRENZA MICRODEVICES
CRO190-2488TCRO Product Specification 1 SIRENZA MICRODEVICES
AM03PCOUPLER Product Specification 1 SIRENZA MICRODEVICES
CRO190-2610TCRO Product Specification 1 SIRENZA MICRODEVICES
AN03LCOUPLER Product Specification 1 SIRENZA MICRODEVICES
CRO190-2677TCRO Product Specification 1 SIRENZA MICRODEVICES
AP03LCOUPLER Product Specification 1 SIRENZA MICRODEVICES
CRO190-2850TCRO Product Specification 1 SIRENZA MICRODEVICES

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl