Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6652 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6652
Description  10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6652 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6652 Datasheet HTML 1Page - Micro Linear Corporation ML6652 Datasheet HTML 2Page - Micro Linear Corporation ML6652 Datasheet HTML 3Page - Micro Linear Corporation ML6652 Datasheet HTML 4Page - Micro Linear Corporation ML6652 Datasheet HTML 5Page - Micro Linear Corporation ML6652 Datasheet HTML 6Page - Micro Linear Corporation ML6652 Datasheet HTML 7Page - Micro Linear Corporation ML6652 Datasheet HTML 8Page - Micro Linear Corporation ML6652 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
January 2004
Final Datasheet
• Complete implementation of fiber optic and twisted pair
media interface
• Supports ISO/IEC 8802.3, IEEE 802.3 and TIA/EIA-785
Industry Standards, including full Auto-Negotiation for
twisted pair and fiber optic media
• 850nm, 1300nm miniature fiber optic components and
PMD modules
• Supports 1:1 receiver/transmitter transformer ratio for
twisted pair
• Low latency
• Integrated voltage and current references
• Integrated twisted pair output wave shaping eliminates
external filtering
• Integrated twisted pair 10BASE-T input filter and
100BASE-TX equalizer with baseline wander correction
circuit
• Serial Management Interface
• Full and Half Duplex with Auto-Negotiation
• Integrated LED Driver
• Integrated Data Quantizer
• Small 44-Pin TQFP and LPCC/QFN
• Low 3.3V power supply
• Integrated Link Integrity Warning (LIW)
GENERAL DESCRIPTION
FEATURES
The ML6652 is a low cost multi-function / multi-standard
single chip Media Converter that provides 10Mbps and
100Mbps signal conversion between twisted pair and fiber
optic Ethernet technologies. The device supports
conversion between:
10BASE-T and 10BASE-FL
100BASE-TX and 100BASE-FX/SX
100BASE-FX and 100BASE-SX
FLP Bursts and FLNP Bursts
The device supports 10Mbps and 100Mbps operating data
rates with Auto-Negotiation using 850nm or 1300nm
optics. One or both of the fiber optic and twisted pair
interfaces can be interfaced to industry standard miniature
fiber optic components or Physical Media Dependent
(PMD) modules using Positive Emitter Coupled Logic/Low
Voltage Positive Emitter Coupled Logic (PECL/LVPECL)
compatible modes. Support of other wavelengths is
possible using the PECL/LVPECL interface.
APPLICATIONS
• Single/Multi Port 10/100 Auto-Negotiating Media
Converters
• Single/Multi Port 100BASE-FX/SX to100BASE-TX
Media Converters
• Single/Multi Port 10BASE-FL to 10BASE-T Media
Converters
• Single/Multi Mode Fiber Converters
• Fiber Optic Front-End for Network Interface Cards
(NICs), Repeaters, Bridges, Hubs and Switches
• Fiber-To-The-Desk/Building/Factory Floor as well as
Home Connectivity Gateway/Demarcation Products
• Redundant Link Converters and Wavelength Converters
DS6652-F-02
ML6652
10/100Mbps Ethernet Fiber and Copper
Media Converter with Auto-Negotiation


Similar Part No. - ML6652

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6652 MICRO-LINEAR-ML6652 Datasheet
196Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
logo
OKI electronic componet...
ML66525 OKI-ML66525 Datasheet
330Kb / 27P
   16-Bit Microcontroller
ML66525B OKI-ML66525B Datasheet
330Kb / 27P
   16-Bit Microcontroller
ML66525B-XXLA OKI-ML66525B-XXLA Datasheet
330Kb / 27P
   16-Bit Microcontroller
ML66525B-XXTB OKI-ML66525B-XXTB Datasheet
330Kb / 27P
   16-Bit Microcontroller
More results

Similar Description - ML6652

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6652 MICRO-LINEAR-ML6652 Datasheet
196Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
logo
Davicom Semiconductor, ...
DM9302 DAVICOM-DM9302 Datasheet
406Kb / 64P
   10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9332EP DAVICOM-DM9332EP Datasheet
68Kb / 2P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Glenair, Inc.
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
logo
Davicom Semiconductor, ...
DM9302EP DAVICOM-DM9302EP Datasheet
59Kb / 2P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter with Local bus
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
   100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
List of Unclassifed Man...
DM9301 ETC-DM9301 Datasheet
125Kb / 22P
   100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Davicom Semiconductor, ...
DM9301FP DAVICOM-DM9301FP Datasheet
288Kb / 22P
   100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com