Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML5825DM-T Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # ML5825DM-T
Description  2.4GHz to 5.8GHz Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML5825DM-T Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  ML5825DM-T Datasheet HTML 1Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 2Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 3Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 4Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 5Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 6Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 7Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 8Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ML5825
ADVANCED DATASHEET
SEPTEMBER 2007
EDS-106038 REV A01
2
TABLE OF CONTENTS
GENERAL DESCRIPTION ........................................................................................................................................... 1
PIN CONFIGURATION ................................................................................................................................................. 1
ORDERING INFORMATION ........................................................................................................................................ 1
FEATURES ................................................................................................................................................................... 1
APPLICATIONS ............................................................................................................................................................ 1
BLOCK DIAGRAM........................................................................................................................................................ 1
TABLE OF CONTENTS................................................................................................................................................ 2
SIMPLIFIED APPLICATIONS DIAGRAM ..................................................................................................................... 2
ELECTRICAL CHARACTERISTICS............................................................................................................................. 3
PIN DESCRIPTIONS.................................................................................................................................................... 5
FUNCTIONAL DESCRIPTION ..................................................................................................................................... 9
MODES OF OPERATION............................................................................................................................................. 9
PHYSICAL DIMENSIONS .......................................................................................................................................... 11
WARRANTY................................................................................................................................................................ 12
SIMPLIFIED APPLICATIONS DIAGRAM
Figure 1: ML5825 Typical Application Schematic


Similar Part No. - ML5825DM-T

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5824 MICRO-LINEAR-ML5824 Datasheet
254Kb / 12P
   ML5824 2.4GHz to 5.8GHz Frequency Translator
ML5824EM MICRO-LINEAR-ML5824EM Datasheet
254Kb / 12P
   ML5824 2.4GHz to 5.8GHz Frequency Translator
ML5824EM-T MICRO-LINEAR-ML5824EM-T Datasheet
254Kb / 12P
   ML5824 2.4GHz to 5.8GHz Frequency Translator
More results

Similar Description - ML5825DM-T

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5824 MICRO-LINEAR-ML5824 Datasheet
254Kb / 12P
   ML5824 2.4GHz to 5.8GHz Frequency Translator
logo
TE Connectivity Ltd
951-001-XXX TEC-951-001-XXX Datasheet
821Kb / 2P
   WLAN (2.4GHz/5.8GHz) Screw Antenna
951-003-XXX TEC-951-003-XXX Datasheet
819Kb / 2P
   GNSS (GPS/GLONASS)/ WLAN (2.4GHz/5.8GHz) Screw Antenna
logo
Taoglas antenna solutio...
WLA10 TAOGLAS-WLA10 Datasheet
1Mb / 19P
   Wi-Fi Dual Band 2.4GHz/5.8GHz Chip Antenna
logo
WALSIN TECHNOLOGY CORPO...
TFCPL0605B24508Q1C WALSIN-TFCPL0605B24508Q1C Datasheet
648Kb / 8P
   2.4GHz Band Frequency
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com