Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML5805 Datasheet(PDF) 6 Page - RF Micro Devices

Part # ML5805
Description  5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ML5805 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button ML5805 Datasheet HTML 2Page - RF Micro Devices ML5805 Datasheet HTML 3Page - RF Micro Devices ML5805 Datasheet HTML 4Page - RF Micro Devices ML5805 Datasheet HTML 5Page - RF Micro Devices ML5805 Datasheet HTML 6Page - RF Micro Devices ML5805 Datasheet HTML 7Page - RF Micro Devices ML5805 Datasheet HTML 8Page - RF Micro Devices ML5805 Datasheet HTML 9Page - RF Micro Devices ML5805 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ML5805
RF MICRO DEVICES®, RFMD®, OPTIMUM TECHNOLOGY MATCHING®, ENABLING WIRELESS CONNECTIVITY™, POWERSTAR®, POLARIS™ TOTAL RADIO™ ULTIMATEBLUE™ AND FASTWAVE™ ARE TRADEMARKS OF RFMD, LLC. BLUETOOTH IS A TRADEMARK OWNED BY
BLUETOOTH SIG, INC., U.S.A. AND LICENSED FOR USE BY RFMD. ALL OTHER TRADE NAMES, TRADEMARKS AND REGISTERED TRADEMARKS ARE THE PROPERTY OF THEIR RESPECTIVE OWNERS. ©2006, RF MICRO DEVICES, INC.
PRELIMINARY DATA SHEET
APRIL 2008
EDS-106041 REV P01
7628 THORNDIKE ROAD, GREENSBORO, NC 27409-9421 · FOR SALES OR TECHNICAL
REV A1 DS071026 SUPPORT, CONTACT RFMD AT (+1) 336-678-5570 OR SALES-SUPPORT@RFMD.COM
6
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tse
EN setup time to ignore next rising
CLK
15
ns
ts
DATA-to-CLK setup time
15
ns
th
DATA-to-CLK hold time
15
ns
Note 1: Serial I/O clock maximum rise and fall times are based on the minimum clock period. Longer rise and fall times
can be accommodated for slower clocks provided the rise and fall times remain less than 20% of the clock period and
all set up and hold time minimums are met with respect to the CMOS switching points (VIL MAX and VIH MIN). The
serial I/O clock rise and fall times are limited to an absolute maximum of 100ns.
PIN DESCRIPTIONS
PIN
SIGNAL
NAME
I/O
FUNCTION
DIAGRAM
POWER & GROUND
5
VSSD
GND
Digital ground for all digital I/O circuits and
control logic.
N/A
9
VDD
PWR/I
3.3VDC power supply input
N/A
10
VREG_1P8
PWR/O
(Decouple)
1.8VDC regulator output. Place capacitor
between this pin and ground to decouple
(bypass) noise and to stabilize the regulator.
N/A
11
VBG_1P8
PWR/O
(Decouple)
1.13VDC bandgap voltage output. Place
capacitor between this pin and ground to
decouple (bypass) noise.
N/A
13
VCCSYN
PWR/I
2.7VDC power supply input. Must be
connected to VREGPLL pin externally.
N/A
17
VREGVCO
PWR/O
(Decouple)
2.5VDC regulator output. Place capacitor
between this pin and ground to decouple
(bypass) noise and to stabilize the regulator.
N/A
18
VREGPLL
PWR/O
(Decouple)
2.7VDC power supply output. Place capacitor
between this pin and ground to decouple
(bypass) noise and to stabilize the regulator.
N/A
19
VCCPLL
PWR/I
(Decouple)
3.3VDC power supply input. Place capacitor
between this pin and ground to decouple
(bypass) noise.
N/A
20
VBG_VCO
PWR/O
(Decouple)
1.13VDC bandgap voltage output. Place
capacitor between this pin and ground to
decouple (bypass) noise
N/A
21
VREGLNA
PWR/O
(Decouple)
2.7VDC regulator output. Place capacitor
between this pin and ground to decouple
(bypass) noise and to stabilize the regulator.
N/A
24
VREGRX
PWR/O
(Decouple)
2.7VDC regulator output. Place capacitor
between this pin and ground to decouple
(bypass) noise and to stabilize the regulator.
N/A
25
VBG_RF
PWR/O
(Decouple)
Bandgap 1.24V decouple voltage. Decoupled
to ground with a capacitor.
N/A
26
VREGTX
PWR/I
(Decouple)
2.7VDC power supply input. Must be
connected to VREGRX pin externally.
N/A


Similar Part No. - ML5805

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800DM MICRO-LINEAR-ML5800DM Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800DM MICRO-LINEAR-ML5800DM Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800DM-T MICRO-LINEAR-ML5800DM-T Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
More results

Similar Description - ML5805

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
[Old version datasheet]   Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Microchip Technology
MCP25612FD MICROCHIP-MCP25612FD Datasheet
542Kb / 26P
   Dual CAN Flexible Data-Rate Transceiver
01/27/15
logo
Maxim Integrated Produc...
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
logo
Texas Instruments
TCAN4551-Q1 TI1-TCAN4551-Q1 Datasheet
1Mb / 138P
[Old version datasheet]   TCAN4551-Q1 Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Semtech Corporation
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
   High Bit Rate Transceiver Low Power Integrated UHF Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
Semtech Corporation
SX1231H SEMTECH-SX1231H Datasheet
970Kb / 82P
   Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
SX1231J SEMTECH-SX1231J Datasheet
970Kb / 82P
   Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com