Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML5800 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML5800
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML5800_06 Datasheet HTML 1Page - Micro Linear Corporation ML5800_06 Datasheet HTML 2Page - Micro Linear Corporation ML5800_06 Datasheet HTML 3Page - Micro Linear Corporation ML5800_06 Datasheet HTML 4Page - Micro Linear Corporation ML5800_06 Datasheet HTML 5Page - Micro Linear Corporation ML5800_06 Datasheet HTML 6Page - Micro Linear Corporation ML5800_06 Datasheet HTML 7Page - Micro Linear Corporation ML5800_06 Datasheet HTML 8Page - Micro Linear Corporation ML5800_06 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ML5800
5.8GHz Low-IF 1.5Mbps FSK Transceiver
FINAL Datasheet
DS5800-F-04
JULY 2006
GENERAL DESCRIPTION
The ML5800 is a high integration 5.8GHz Frequency
Shift Keyed (FSK) transceiver that integrates all
frequency generation, receive, and transmit functions
required to realize a digital cordless telephone. Only a
power amplifier (PA) and antenna switch are required to
form a complete 5.8GHz digital radio. The ML5800
operates in the 5.725 to 5.850GHz unlicensed ISM
band. It can be used to implement both Direct
Sequence and Frequency Hopping Spread Spectrum
radios.
The ML5800 contains a dual-conversion low-IF receiver
with all channel selectivity on chip. IF filtering, IF gain,
and demodulation are performed on chip eliminating
the need for any external IF filters or production tuning.
A post detection filter and a data slicer are integrated to
complete the receiver.
The ML5800 transmitter uses an adjustment-free two-
port closed loop modulator, which modulates the on-
chip VCO with filtered data. An upconversion mixer and
buffer/predriver produces output of 0dBm at 5.8GHz. A
fully integrated 3.9GHz fractional synthesizer is used in
both receive and transmit modes.
Power supply
regulation is included in the ML5800, providing circuit
isolation and consistent performance over supply
voltages between 2.7V-3.6V.
PIN CONFIGURATION
VCCA
VCCRF
GNDTX
TXO
RXI
VCCLNA
VCCRXMIX
GNDMIX
XCEN
RXON
PAON
EN
DATA
CLK
AOUT_TPC
VSS
PIN 1
ORDERING INFORMATION
PART NUMBER
TEMP RANGE
PACKAGE
PACK (QTY)
ML5800DM
-10
oC to +60oC 32 LPCC 5x5 mm Antistatic Tray (490)
ML5800DM-T
-10
oC to +60oC 32 LPCC 5x5 mm Tape & Reel (2500)
FEATURES
High Integration 5.8GHz FSK Transceiver
High data rate - 1.536Mbps
Low-IF receiver eliminates external IF filters
Fully integrated IF filters, FM discriminator, and
data filters
Self-calibrated filters eliminate production tuning
4dB (typ) Input-referred Noise Figure
-94dBm (typ) sensitivity @ 0.1% BER
0dBm (typ) Output Power
Simple 3-wire Control Interface
PA sequencing & integrated pin diode driver
Analog RSSI output over a 68dB range
Auxiliary switch for transmit power control
”Green” (Pb-Free) 32 pin LPCC package
APPLICATIONS
Digital Cordless Telephones
Wireless Streaming Audio and Video
Game Controllers
High-speed Data Links
BLOCK DIAGRAM
Filter
Alignment
PLL
Divider
TXO
5.8GHz
Output
Quadrature
Downmixers
3.9 GHz
VCO
PLL Loop
Filter
Digital
Output
Transmit
Data
Input
Ref.
Divider
Control
Registers
Serial
Control
Bus
RSSI
P.D.
Frequenc
Referenc
Mode
Control
Control
lines
Quadrature
Generation
Two-port
Modulator
F
to
V
RSSI
RXI
5.8GHz
Input
PAON
RXON
XCEN
DATA
CLK
EN
VTUNE
QPO
Transmit
Mixer
DIN
FREF
DOUT
Receive
Signal
Strength
Indicator
Receiver
Mixer
Analog
Output
AOUT_TPC
Top View


Similar Part No. - ML5800_06

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5800DM MICRO-LINEAR-ML5800DM Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800DM-T MICRO-LINEAR-ML5800DM-T Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
More results

Similar Description - ML5800_06

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
RF Micro Devices
ML5805 RFMD-ML5805 Datasheet
1Mb / 36P
   5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com