Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA12 Datasheet(PDF) 4 Page - Cirrus Logic

Part # SA12
Description  PULSE WIDTH MODULATION AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA12 Datasheet(HTML) 4 Page - Cirrus Logic

  SA12 Datasheet HTML 1Page - Cirrus Logic SA12 Datasheet HTML 2Page - Cirrus Logic SA12 Datasheet HTML 3Page - Cirrus Logic SA12 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
Switching noise spikes will in-
variably be found at the I SENSE
pins. The noise spikes could trip
the current limit threshold which
is only 100 mV. R
FILTER and CFILTER
should be adjusted so as to reduce
the switching noise well below
100 mV to prevent false current
limiting. The sum of the
DC level plus the noise
peak will determine the
current limiting value.
As in most switching
circuits it may be dif-
ficult to determine the
true noise amplitude without careful attention to grounding
of the oscilloscope probe. Use the shortest possible ground
lead for the probe and connect exactly at the GND terminal of
the amplifier. Suggested starting values are C
FILTER = .01uF,
R
FILTER = 5k .
The required value of R
LIMIT in voltage mode may be cal-
culated by:
R
LIMIT = .1 V / ILIMIT
where R
LIMIT is the required resistor value, and ILIMIT is the
maximum desired current. In current mode the required value
of each R
LIMIT is 2 times this value since the sense voltage is
divided down by 2 (see Figure B). If R
SHDN is used it will further
divide down the sense voltage. The shutdown divider network
will also have an effect on the filtering circuit.
BYPASSING
Adequate bypassing of the power supplies is required for
proper operation. Failure to do so can cause erratic and low
efficiency operation as well as excessive ringing at the out-
puts. The Vs supply should be bypassed with at least a 1µF
ceramic capacitor in parallel with another low ESR capacitor
of at least 10µF per amp of output current. Capacitor types
rated for switching applications are the only types that should
be considered. The bypass capacitors must be physically
connected directly to the power supply pins. Even one inch of
lead length will cause excessive ringing at the outputs. This is
due to the very fast switching times and the inductance of the
lead connection. The bypassing requirements of the Vcc supply
are less stringent, but still necessary. A .1µF to .47µF ceramic
capacitor connected directly to the Vcc pin will suffice.
MODULATION RANGE
The high side of the all N channel H-bridge is driven by a
bootstrap circuit. For the output circuit to switch high, the low
side circuit must have previously been switched on in order to
charge the bootstrap capacitor. Therefore, if the input signal to
the SA12 demands a 100% duty cycle upon start-up the output
will not follow and will be in a tri-state (open) condition. The
ramp signal must cross the input signal at some point to cor-
rectly determine the output state. After the ramp crosses the
input signal one time the output state will be correct thereafter.
In addition, if during normal operation the input signal drives
the SA12 beyond its linear modulation range (approximately
95%) the output will jump to 100% modulation.
GENERAL
Please read Application Note 30 on "PWM Basics". Refer
to Application Note 1 "General Operating Considerations" for
helpful information regarding power supplies, heat sinking and
mounting. Visit www.apexmicrotech.com for design tools that
help automate pwm filter design; heat sink selection; Apex’s
complete Application Notes library; Technical Seminar Work-
book; and Evaluation Kits.
CLOCK CIRCUIT AND RAMP GENERATOR
The clock frequency is internally set to a frequency of ap-
proximately 400kHz. The CLK OUT pin will normally be tied to
the CLK IN pin. The clock is divided by two and applied to an
RC network which produces a ramp signal at the –PWM/RAMP
pin. An external clock signal can be applied to the CLK IN pin
for synchronization purposes. If a clock frequency lower than
400kHz is chosen an external capacitor must be tied to the
–PWM/RAMP pin. This capacitor, which parallels an internal
capacitor, must be selected so that the ramp oscillates 4 volts
p-p with the lower peak 3 volts above ground.
PWM INPUTS
The full bridge driver may be accessed via the pwm input
comparator. When +PWM > -PWM then A OUT > B OUT. A
motion control processor which generates the pwm signal can
drive these pins with signals referenced to GND.
PROTECTION CIRCUITS
A fixed internal current limit senses the high side current.
Should either of the outputs be shorted to ground the high
side current limit will latch off the output transistors. The tem-
perature of the output transistors is also monitored. Should a
fault condition raise the temperature of the output transistors
to 165°C the thermal protection circuit will latch off the output
transistors. The latched condition can be cleared by either
recycling the V
cc power or by toggling the I LIMIT/SHDN input
with a 10V pulse. See Figures A and B. The outputs will remain
off as long as the shutdown pulse is high (10V).
When supply voltage is over 100V, these circuits may not
protect the FET switches in the case of short circuits directly
at the pins of the amplifier. However, a small inductance be-
tween the amplifier and the short circuit will limit current rise
time and the protection circuits will be effective. A pair of 12
inch wires is adequate inductance.
CURRENT LIMIT
There are two load current
sensing pins, I SENSE A and
I SENSE B. The two pins can
be shorted in the voltage
mode connection but both
must be used in the current
modeconnection(seefigures
A and B). It is recommended
that R
LIMIT resistors be non-in-
ductive. Load current flows in
the I SENSE pins. To avoid errors due to lead lengths connect
the I LIMIT/SHDN pin directly to the R
LIMIT resistors (through
the filter network and shutdown divider resistor) and connect
the R
LIMIT resistors directly to the GND pin.
OPERATING
CONSIDERATIONS
SA12
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
SA12U REV G AUGUST 2007 © 2007 Apex Microtechnology Corp.


Similar Part No. - SA12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA12 PANJIT-SA12 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Taiwan Semiconductor Co...
SA12 TSC-SA12 Datasheet
234Kb / 6P
   Transient Voltage Suppressor
logo
Pan Jit International I...
SA12 PANJIT-SA12 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
SA12 SY-SA12 Datasheet
660Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA12 WTE-SA12 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA12

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA08 APEX-SA08 Datasheet
239Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIERS
MSA240 CIRRUS-MSA240 Datasheet
214Kb / 5P
   Pulse Width Modulation Amplifiers
SA09 CIRRUS-SA09 Datasheet
521Kb / 7P
   Pulse Width Modulation Amplifiers
SA12 CIRRUS-SA12 Datasheet
201Kb / 5P
   Pulse Width Modulation Amplifiers
SA07 APEX-SA07 Datasheet
276Kb / 5P
   PULSE WIDTH MODULATION AMPLIFIERS
SA08 CIRRUS-SA08 Datasheet
201Kb / 5P
   Pulse Width Modulation Amplifiers
SA08 APEX-SA08_06 Datasheet
239Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIERS
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
   Pulse Width Modulation Amplifiers
SA12 APEX-SA12 Datasheet
244Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIERS
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
   Pulse Width Modulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com