Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML2724 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML2724
Description  2.4GHz Low-IF 1.5Mbps FSK Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML2724 Datasheet HTML 5Page - Micro Linear Corporation ML2724 Datasheet HTML 6Page - Micro Linear Corporation ML2724 Datasheet HTML 7Page - Micro Linear Corporation ML2724 Datasheet HTML 8Page - Micro Linear Corporation ML2724 Datasheet HTML 9Page - Micro Linear Corporation ML2724 Datasheet HTML 10Page - Micro Linear Corporation ML2724 Datasheet HTML 11Page - Micro Linear Corporation ML2724 Datasheet HTML 12Page - Micro Linear Corporation ML2724 Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ML2724
DS2724-F-03
FINAL DATASHEET
DECEMBER 2005
9
21
TXO
O (Analog)
TX RF open-collector output. This output
requires a DC path to VCCA.
22
TXOB
O (Analog)
Complementary TX RF open-collector
output. This output requires a DC path to
VCCA. For single-ended output
applications, this pin should be
connected to a dummy load that includes
a DC path to VCCA.
TXOB
TXO
GNDRF
18
21
22
DATA
7
AOUT
A (Analog)
Multi-function Output. In Analog output
mode this is output drives an off chip
data slicer. In Transmit power control
mode this is an open drain output, which
is pulled low when the TPC bit is serial
register #1, is clear. Transitions on TPC
are synchronized to the falling edge of
RXON. In analog test modes this pin and
the RSSI output become test access
points controlled by the serial control
bus.
31
VSS
VDD
100
Ω
7
AOUT
8
TPQ
MUX
VSS
8
TPC
MUX
TPC
AOUT
MUX
30
DIN
I (CMOS)
Transmit Data Input. Drives the transmit
pulse shaping circuits. Serial digital data
on this pin becomes FSK modulation on
the Transmit RF output. The logic timing
on this pin controls data timing. Internal
circuits determine the modulation
deviation. This is a standard CMOS input
referenced to VDD and VSS.
See Pin 1 below.
32
DOUT
O (CMOS)
Serial digital output after demodulation,
chip rate filtering and center data slicing.
A CMOS level output (VSS to VDD) with
controlled slew rates. A low drive output
designed to drive a PCB trace and a
CMOS logic input while generating
minimal RFI. In digital test modes this pin
becomes a test access port controlled by
the serial control bus.
31
VSS
VDD
250
Ω
32 DOUT
8


Similar Part No. - ML2724

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML2724DH MICRO-LINEAR-ML2724DH Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

Similar Description - ML2724

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com