Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV163DT-70CU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49BV163DT-70CU
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV163DT-70CU Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49BV163DT-70CU Datasheet HTML 1Page - ATMEL Corporation AT49BV163DT-70CU Datasheet HTML 2Page - ATMEL Corporation AT49BV163DT-70CU Datasheet HTML 3Page - ATMEL Corporation AT49BV163DT-70CU Datasheet HTML 4Page - ATMEL Corporation AT49BV163DT-70CU Datasheet HTML 5Page - ATMEL Corporation AT49BV163DT-70CU Datasheet HTML 6Page - ATMEL Corporation AT49BV163DT-70CU Datasheet HTML 7Page - ATMEL Corporation AT49BV163DT-70CU Datasheet HTML 8Page - ATMEL Corporation AT49BV163DT-70CU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
3590A–FLASH–12/05
AT49BV163D(T)
of the configuration register can be changed. Voltages applied to the RESET pin will not alter the
value of the configuration register. The value of the configuration register will affect the operation
of the I/O7 status bit as described below.
4.6.1
DATA Polling
The AT49BV163D(T) features Data Polling to indicate the end of a program cycle. If the status
configuration register is set to a “00”, during a program cycle an attempted read of the last
byte/word loaded will result in the complement of the loaded data on I/O7. Once the program
cycle has been completed, true data is valid on all outputs and the next cycle may begin. During
a chip or sector erase operation, an attempt to read the device will give a “0” on I/O7. Once the
program or erase cycle has completed, true data will be read from the device. Data Polling may
begin at any time during the program cycle. Please see “Status Bit Table” on page 10 for more
details.
If the status bit configuration register is set to a “01”, the I/O7 status bit will be low while the
device is actively programming or erasing data. I/O7 will go high when the device has completed
a program or erase operation. Once I/O7 has gone high, status information on the other pins can
be checked.
The Data Polling status bit must be used in conjunction with the erase/program status bit as
shown in the algorithm in Figures 4-1 and and 4-2 on page 8.
4.6.2
Toggle Bit
In addition to Data Polling the AT49BV163D(T) provides another method for determining the end
of a program or erase cycle. During a program or erase operation, successive attempts to read
data from the memory will result in I/O6 toggling between one and zero. Once the program cycle
has completed, I/O6 will stop toggling and valid data will be read. Examining the toggle bit may
begin at any time during a program cycle. Please see “Status Bit Table” on page 10 for more
details.
The toggle bit status bit should be used in conjunction with the erase/program status bit as
shown in the algorithm in Figures 4-3 and and 4-4 on page 9.
4.6.3
Erase/Program Status Bit
The device offers a status bit on I/O5, which indicates whether the program or erase operation
has exceeded a specified internal pulse count limit. If the status bit is a “1”, the device is unable
to verify that an erase or a byte/word program operation has been successfully performed. If a
program (Sector Erase) command is issued to a protected sector, the protected sector will not
be programmed (erased). The device will go to a status read mode and the I/O5 status bit will be
set high, indicating the program (erase) operation did not complete as requested. Once the
erase/program status bit has been set to a “1”, the system must write the Product ID Exit com-
mand to return to the read mode. The erase/program status bit is a “0” while the erase or
program operation is still in progress. Please see “Status Bit Table” on page 10 for more details.
4.7
Sector Lockdown
Each sector has a programming lockdown feature. This feature prevents programming of data in
the designated sectors once the feature has been enabled. These sectors can contain secure
code that is used to bring up the system. Enabling the lockdown feature will allow the boot code
to stay in the device while data in the rest of the device is updated. This feature does not have to
be activated; any sector’s usage as a write-protected region is optional to the user.


Similar Part No. - AT49BV163DT-70CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV163A ATMEL-AT49BV163A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163A ATMEL-AT49BV163A Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163A-70TI ATMEL-AT49BV163A-70TI Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT ATMEL-AT49BV163AT Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT ATMEL-AT49BV163AT Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV163DT-70CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com