Part Name
         Description
AT45DB642D_08

 64-megabit 2.7-volt Dual-interface DataFlash ( 55 Page)


ATMEL
100% 
Zoom Out Zoom In
 
 51 page
background image
51
3542H–DFLASH–4/08
AT45DB642D
28. Packaging Information
28.1
28T – TSOP, Type 1
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
28T, 28-lead (8 x 13.4 mm) Plastic Thin Small Outline
Package, Type I (TSOP)
C
28T
12/06/02
PIN 1
0º ~ 5º
D1
D
Pin 1 Identifier Area
b
e
E
A
A1
A2
c
L
GAGE PLANE
SEATING PLANE
L1
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MO-183.
2. Dimensions D1 and E do not include mold protrusion. Allowable
protrusion on E is 0.15 mm per side and on D1 is 0.25 mm per side.
3. Lead coplanarity is 0.10 mm maximum.
A
1.20
A1
0.05
0.15
A2
0.90
1.00
1.05
D
13.20
13.40
13.60
D1
11.70
11.80
11.90
Note 2
E
7.90
8.00
8.10
Note 2
L
0.50
0.60
0.70
L1
0.25 BASIC
b
0.17
0.22
0.27
c
0.10
0.21
e
0.55 BASIC



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT45DB642D_0664-megabit 2.7-volt Dual-interface DataFlash 1 2 3 4 5 MoreATMEL Corporation
AT45DB081A8-megabit 2.7-volt Only Serial DataFlash 1 2 3 4 5 MoreATMEL Corporation
AT26DF081A_078-megabit 2.7-volt Only Serial Firmware DataFlash Memory 1 2 3 4 5 MoreATMEL Corporation
AT45DB161_0116-megabit 2.7-volt Only Serial DataFlash 1 2 3 4 5 MoreATMEL Corporation
AT45DCB008D_068-megabyte 4-megabyte and 2-megabyte 2.7-volt Only DataFlash Cards 1 2 3 4 5 ATMEL Corporation
AT45DB011_011-megabit 2.7-volt Only Serial DataFlash 1 2 3 4 5 MoreATMEL Corporation
AT26DF321_0632-megabit 2.7-volt Only Serial Firmware DataFlash Memory 1 2 3 4 5 MoreATMEL Corporation
AT45DB021A2-megabit 2.7-volt Only Serial DataFlash 1 2 3 4 5 MoreATMEL Corporation
AT45DB021D_072-megabit 2.7-volt DataFlash 1 2 3 4 5 MoreATMEL Corporation
AT45DB021B_052-megabit 2.7-volt Only DataFlash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl