Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB161D-MU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB161D-MU
Description  16-megabit 2.5-volt or 2.7-volt DataFlash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161D-MU Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB161D-MU Datasheet HTML 1Page - ATMEL Corporation AT45DB161D-MU Datasheet HTML 2Page - ATMEL Corporation AT45DB161D-MU Datasheet HTML 3Page - ATMEL Corporation AT45DB161D-MU Datasheet HTML 4Page - ATMEL Corporation AT45DB161D-MU Datasheet HTML 5Page - ATMEL Corporation AT45DB161D-MU Datasheet HTML 6Page - ATMEL Corporation AT45DB161D-MU Datasheet HTML 7Page - ATMEL Corporation AT45DB161D-MU Datasheet HTML 8Page - ATMEL Corporation AT45DB161D-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2
3500J–DFLASH–4/08
AT45DB161D
address lines and a parallel interface, the DataFlash uses a RapidS serial interface to sequen-
tially access its data. The simple sequential access dramatically reduces active pin count,
facilitates hardware layout, increases system reliability, minimizes switching noise, and reduces
package size. The device is optimized for use in many commercial and industrial applications
where high-density, low-pin count, low-voltage and low-power are essential.
To allow for simple in-system reprogrammability, the AT45DB161D does not require high input
voltages for programming. The device operates from a single power supply, 2.5V to 3.6V or 2.7V
to 3.6V, for both the program and read operations. The AT45DB161D is enabled through the
chip select pin (CS) and accessed via a three-wire interface consisting of the Serial Input (SI),
Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
2.
Pin Configurations and Pinouts
Note:
1. The metal pad on the bottom of the MLF package is floating. This pad can be a “No Connect” or connected to GND.
Figure 2-1.
TSOP Top View: Type 1
Figure 2-2.
DataFlash Card(1)
Top View through Package
Note:
1. See AT45DCB002D Datasheet.
Figure 2-3.
MLF (VDFN) Top View
Figure 2-4.
SOIC Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RDY/BUSY
RESET
WP
NC
NC
VCC
GND
NC
NC
NC
CS
SCK
SI
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
76 54321
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP


Similar Part No. - AT45DB161D-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161D-MU ATMEL-AT45DB161D-MU Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB161D-MU ETC2-AT45DB161D-MU Datasheet
2Mb / 51P
   16-megabit 2.5V or 2.7V DataFlash
logo
ATMEL Corporation
AT45DB161D-MU-2.5 ATMEL-AT45DB161D-MU-2.5 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB161D-MU-2.5 ETC2-AT45DB161D-MU-2.5 Datasheet
2Mb / 51P
   16-megabit 2.5V or 2.7V DataFlash
logo
ATMEL Corporation
AT45DB161D-MU-SL954 ATMEL-AT45DB161D-MU-SL954 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
More results

Similar Description - AT45DB161D-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB041D ETC2-AT45DB041D Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
logo
ATMEL Corporation
AT45DB041D ATMEL-AT45DB041D_08 Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041B ATMEL-AT45DB041B Datasheet
512Kb / 35P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_07 Datasheet
1Mb / 53P
   4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
   16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com