Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C56A-10TU-2.7 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT93C56A-10TU-2.7
Description  Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C56A-10TU-2.7 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT93C56A-10TU-2.7 Datasheet HTML 2Page - ATMEL Corporation AT93C56A-10TU-2.7 Datasheet HTML 3Page - ATMEL Corporation AT93C56A-10TU-2.7 Datasheet HTML 4Page - ATMEL Corporation AT93C56A-10TU-2.7 Datasheet HTML 5Page - ATMEL Corporation AT93C56A-10TU-2.7 Datasheet HTML 6Page - ATMEL Corporation AT93C56A-10TU-2.7 Datasheet HTML 7Page - ATMEL Corporation AT93C56A-10TU-2.7 Datasheet HTML 8Page - ATMEL Corporation AT93C56A-10TU-2.7 Datasheet HTML 9Page - ATMEL Corporation AT93C56A-10TU-2.7 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
3378M–SEEPR–7/08
AT93C56A/66A
Note:
The X’s in the address field represent don’t care values and must be clocked.
Table 3-4.
Instruction Set for the AT93C56A and AT93C66A
Instruction
SB
Op
Code
Address
Data
Comments
x 8
x 16
x 8
x 16
READ
1
10
A8 – A0
A7 – A0
Reads data stored in memory, at
specified address.
EWEN
1
00
11XXXXXXX
11XXXXXX
Write enable must precede all
programming modes.
ERASE
1
11
A8 – A0
A7 – A0
Erases memory location An – A0.
WRITE
1
01
A8 – A0
A7 – A0
D7 – D0
D15 – D0
Writes memory location An – A0.
ERAL
1
00
10XXXXXXX
10XXXXXX
Erases all memory locations. Valid
only at VCC = 4.5V to 5.5V.
WRAL
1
00
01XXXXXXX
01XXXXXX
D
7 – D0
D
15 – D0
Writes all memory locations. Valid
only at V
CC = 5.0V ±10% and Disable
Register cleared.
EWDS
1
00
00XXXXXXX
00XXXXXX
Disables all programming instructions.


Similar Part No. - AT93C56A-10TU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56A-10TU-2.7 ATMEL-AT93C56A-10TU-2.7 Datasheet
167Kb / 18P
   3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
AT93C56A-10TU-2.7 ATMEL-AT93C56A-10TU-2.7 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C56A-10TU-2.7 ATMEL-AT93C56A-10TU-2.7 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C56A-10TU-2.7

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A Datasheet
167Kb / 18P
   3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com