Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1502BE Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF1502BE
Description  Highperformance CPLD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502BE Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF1502BE Datasheet HTML 1Page - ATMEL Corporation ATF1502BE Datasheet HTML 2Page - ATMEL Corporation ATF1502BE Datasheet HTML 3Page - ATMEL Corporation ATF1502BE Datasheet HTML 4Page - ATMEL Corporation ATF1502BE Datasheet HTML 5Page - ATMEL Corporation ATF1502BE Datasheet HTML 6Page - ATMEL Corporation ATF1502BE Datasheet HTML 7Page - ATMEL Corporation ATF1502BE Datasheet HTML 8Page - ATMEL Corporation ATF1502BE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
3492A–PLD–12/05
ATF1502BE
Figure 1-2.
Block Diagram
Each of the 32 macrocells generates a buried feedback signal that goes to the global bus (see
Figure 1-2). Each input and I/O pin also feeds into the global bus. The switch matrix in each logic
block then selects 40 individual signals from the global bus. Each macrocell also generates a
foldback logic term that goes to a regional bus. Cascade logic between macrocells in the
ATF1502BE allows fast, efficient generation of complex logic functions. The ATF1502BE con-
tains four such logic chains, each capable of creating sum term logic with a fan-in of up to 40
product terms.
The ATF1502BE macrocell, shown in Figure 1-3, is flexible enough to support highly complex
logic functions operating at high speed. The macrocell consists of five sections: product terms
and product term select multiplexer, OR/XOR/CASCADE logic, a flip-flop, output select and
enable, and logic array inputs.
A security fuse, when programmed, protects the contents of the ATF1502BE. Two bytes
(16 bits) of User Signature are accessible to the user for purposes such as storing project name,
part number, revision or date. The User Signature is accessible regardless of the state of the
security fuse.
The ATF1502BE device is an In-System Programming (ISP) device. It uses the industry-stan-
dard 4-pin JTAG interface (IEEE Std. 1149.1), and is fully compliant with JTAG’s Boundary-scan
Description Language (BSDL). ISP allows the device to be programmed without removing it from
the printed circuit board. In addition to simplifying the manufacturing flow, ISP also allows design
modifications to be made in the field via software.
B
32


Similar Part No. - ATF1502BE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502BE ATMEL-ATF1502BE_14 Datasheet
531Kb / 24P
   High-performance Fully CMOS, Electrically-erasable Complex Programmable
More results

Similar Description - ATF1502BE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com