Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17F32-30BJI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT17F32-30BJI
Description  FPGA Configuration Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F32-30BJI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT17F32-30BJI Datasheet HTML 6Page - ATMEL Corporation AT17F32-30BJI Datasheet HTML 7Page - ATMEL Corporation AT17F32-30BJI Datasheet HTML 8Page - ATMEL Corporation AT17F32-30BJI Datasheet HTML 9Page - ATMEL Corporation AT17F32-30BJI Datasheet HTML 10Page - ATMEL Corporation AT17F32-30BJI Datasheet HTML 11Page - ATMEL Corporation AT17F32-30BJI Datasheet HTML 12Page - ATMEL Corporation AT17F32-30BJI Datasheet HTML 13Page - ATMEL Corporation AT17F32-30BJI Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
3393C–CNFG–6/05
AT17F32
Notes:
1. AC test lead = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady-state active levels.
Note:
1. Airflow = 0 ft/min.
16.1
AC Characteristics When Cascading
Symbol
Description
AT17F32
Units
Min
Max
TCDF
(3)
CLK to Data Float Delay
Commercial
50
ns
Industrial
50
ns
TOCK
(2)
CLK to CEO Delay
Commercial
50
ns
Industrial
55
ns
T
OCE
(2)
CE to CEO Delay
Commercial
35
ns
Industrial
40
ns
TOOE
(2)
RESET/OE to CEO Delay
Commercial
35
ns
Industrial
35
ns
17. Thermal Resistance Coefficients
Package Type
AT17F32
44J
Plastic Leaded Chip Carrier (PLCC)
θ
JC [°C/W]
15
θ
JA [°C/W]
(1)
50


Similar Part No. - AT17F32-30BJI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17F32A-30BJI ATMEL-AT17F32A-30BJI Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17F32A-30BJU ATMEL-AT17F32A-30BJU Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A_14 Datasheet
191Kb / 14P
   In-System Programmable (ISP) via 2-wire Bus
AT17F32 ATMEL-AT17F32_14 Datasheet
253Kb / 14P
   3.3V Output Capability
More results

Similar Description - AT17F32-30BJI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
   FPGA Configuration Flash Memory
AT18F010 ATMEL-AT18F010 Datasheet
347Kb / 16P
   FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16 Datasheet
217Kb / 18P
   FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16_08 Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com