Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C64B-10TU-1.8 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C64B-10TU-1.8
Description  2-Wire Serial EEPROM 64K (8192 x 8)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C64B-10TU-1.8 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C64B-10TU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C64B-10TU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
Low-voltage and Standard-voltage Operation
– 2.7 (VCC = 2.7 to 5.5V)
– 1.8 (V
CC = 1.8 to 5.5V)
Low-power Devices (I
SB = 6 µA at 5.5V) Available
Internally Organized 8192 x 8
2-Wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bi-directional Data Transfer Protocol
400 kHz Clock Rate
Write Protect Pin for Hardware Data Protection
32-Byte Page Write Mode (Partial Page Writes Allowed)
Self-Timed Write Cycle (5 ms max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Lead-free/Halogen-free Devices Available
8-lead JEDEC SOIC and 8-lead TSSOP Packages
Die Sales: Wafer Form, Waffle Pack, and Bumped Wafers
Description
The AT24C64B provides 65,536 bits of serial electrically erasable and programmable
read only memory (EEPROM) organized as 8192 words of 8 bits each. The device’s
cascadable feature allows up to 8 devices to share a common 2-wire bus. The device
is optimized for use in many industrial and commercial applications where low power
and low voltage operation are essential. The AT24C64B is available in space saving
8-lead JEDEC SOIC and 8-lead TSSOP packages and is accessed via a 2-wire serial
interface. In addition, the entire family is available in 2.7V (2.7 to 5.5V) and 1.8V (1.8
to 5.5V) versions.
2-Wire
Serial EEPROM
64K (8192 x 8)
AT24C64B
3350E–SEEPR–9/07
2-Wire, 32K
Serial E2PROM
Pin Configurations
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA


Similar Part No. - AT24C64B-10TU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C64B-10TU-1.8 ATMEL-AT24C64B-10TU-1.8 Datasheet
295Kb / 17P
   2 WIRE SERIAL EEPROM
More results

Similar Description - AT24C64B-10TU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT25320B ATMEL-AT25320B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
logo
Holtek Semiconductor In...
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
logo
E-CMOS Corporation
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
   64K-bit 2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C1024 ATMEL-AT24C1024 Datasheet
291Kb / 19P
   2-wire Serial EEPROM 1M (131,072 x 8)
logo
Sanyo Semicon Device
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com