Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17N256-10SC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT17N256-10SC
Description  FPGA Configuration Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17N256-10SC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT17N256-10SC Datasheet HTML 6Page - ATMEL Corporation AT17N256-10SC Datasheet HTML 7Page - ATMEL Corporation AT17N256-10SC Datasheet HTML 8Page - ATMEL Corporation AT17N256-10SC Datasheet HTML 9Page - ATMEL Corporation AT17N256-10SC Datasheet HTML 10Page - ATMEL Corporation AT17N256-10SC Datasheet HTML 11Page - ATMEL Corporation AT17N256-10SC Datasheet HTML 12Page - ATMEL Corporation AT17N256-10SC Datasheet HTML 13Page - ATMEL Corporation AT17N256-10SC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
AT17N256/512/010/002/040
3020C–CNFG–08/07
Notes:
1. For more information refer to the “Thermal Characteristics of Atmel’s Packages”, available on the Atmel web site.
2. Airflow = 0 ft/min.
Thermal Resistance Coefficients
(1)
Package Type
AT17N256
AT17N512/
AT17N010
AT17N002
AT17N040
8P3
Plastic Dual Inline Package
(PDIP)
θ
JC [°C/W]
37
37
θ
JA
[
°C/W](2)
107
107
8S1
Plastic Gull Wing Small Outline
(SOIC)
θ
JC [°C/W]
45
θ
JA
[
°C/W](2)
150
20S2
Plastic Gull Wing Small Outline
(SOIC)
θ
JC [°C/W]
θ
JA
[
°C/W](2)
44A
Thin Plastic Quad Flat
Package (TQFP)
θ
JC [°C/W]
17
17
θ
JA
[
°C/W](2)
––
62
62


Similar Part No. - AT17N256-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256-10SC ATMEL-AT17N256-10SC Datasheet
205Kb / 18P
   FPGA Configuration Memory
More results

Similar Description - AT17N256-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
   FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com