Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17N002 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT17N002
Description  FPGA Configuration Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17N002 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT17N002 Datasheet HTML 1Page - ATMEL Corporation AT17N002 Datasheet HTML 2Page - ATMEL Corporation AT17N002 Datasheet HTML 3Page - ATMEL Corporation AT17N002 Datasheet HTML 4Page - ATMEL Corporation AT17N002 Datasheet HTML 5Page - ATMEL Corporation AT17N002 Datasheet HTML 6Page - ATMEL Corporation AT17N002 Datasheet HTML 7Page - ATMEL Corporation AT17N002 Datasheet HTML 8Page - ATMEL Corporation AT17N002 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
EE Programmable 262,144 x 1-, 524,288 x 1-, 1,048,576 x 1-, 2,097,152 x 1-, and
4,194,304 x 1-bit Serial Memories Designed to Store Configuration Programs for Field
Programmable Gate Arrays (FPGAs)
Available as a 3.3V (±10%) Commercial and Industrial Version
Simple Interface to SRAM FPGAs
Pin Compatible with Xilinx® XC17SXXXA and XC17SXXXXL PROMs
Compatible with Xilinx Spartan®-II, Spartan-IIE and Spartan XL FPGAs in Master Serial
Mode
Very Low-power CMOS EEPROM Process
Available in 8-lead PDIP, 8-lead SOIC, 20-lead SOIC and 44-lead TQFP Packages for a
Specific Density
Low-power Standby Mode
High-reliability
– Endurance: Minimum 10 Write Cycles
– Data Retention: 20 Years at 85
°C
Description
The AT17N series FPGA Configuration EEPROM (Configurators) provide an easy-to-
use, cost-effective configuration memory for Field Programmable Gate Arrays. The
AT17N series device is packaged in the 8-lead PDIP, 8-lead SOIC, 20-lead SOIC and
44-lead TQFP, see Table 1. The AT17N series Configurators uses a simple serial-
access procedure to configure one or more FPGA devices.
The AT17N series configurators can be programmed with industry-standard program-
mers, Atmel’s ATDH2200E Programming Kit or Atmel’s ATDH2225 ISP Cable and
factory programming.
Table 1. AT17N Series Packages
Package
AT17N256
AT17N512/
AT17N010
AT17N002
AT17N040
8-lead PDIP
Yes
Yes
8-lead SOIC
Yes
20-lead SOIC
Yes
Yes
Yes
44-lead TQFP
Yes
Yes
FPGA
Configuration
Memory
AT17N256
AT17N512
AT17N010
AT17N002
AT17N040
3.3V
System Support
3020C–CNFG–08/07


Similar Part No. - AT17N002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N002 ATMEL-AT17N002 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17N002-10CC ATMEL-AT17N002-10CC Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17N002-10CI ATMEL-AT17N002-10CI Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17N002-10SC ATMEL-AT17N002-10SC Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17N002-10SI ATMEL-AT17N002-10SI Datasheet
205Kb / 18P
   FPGA Configuration Memory
More results

Similar Description - AT17N002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
   FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com