Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV002-10JC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT17LV002-10JC
Description  FPGA Configuration EEPROM Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV002-10JC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT17LV002-10JC Datasheet HTML 1Page - ATMEL Corporation AT17LV002-10JC Datasheet HTML 2Page - ATMEL Corporation AT17LV002-10JC Datasheet HTML 3Page - ATMEL Corporation AT17LV002-10JC Datasheet HTML 4Page - ATMEL Corporation AT17LV002-10JC Datasheet HTML 5Page - ATMEL Corporation AT17LV002-10JC Datasheet HTML 6Page - ATMEL Corporation AT17LV002-10JC Datasheet HTML 7Page - ATMEL Corporation AT17LV002-10JC Datasheet HTML 8Page - ATMEL Corporation AT17LV002-10JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
2321I–CNFG–2/08
AT17LV65/128/256/512/010/002/040
Notes:
1. The 8-lead LAP package has the same footprint as the 8-lead SOIC. Since an 8-lead SOIC
package is not available for the AT17LV512/010/002 devices, it is possible to use an 8-lead
LAP package instead.
2. The pinout for the AT17LV65/128/256 devices is not pin-for-pin compatible with the
AT17LV512/010/002 devices.
3. Refer to the AT17Fxxx datasheet, available on the Atmel web site.
2.
Pin Configuration
Figure 2-1.
8-lead LAP
Figure 2-2.
8-lead SOIC
Figure 2-3.
8-lead PDIP
Table 1-1.
AT17LV Series Packages
Package
AT17LV65/
AT17LV128/
AT17LV256
AT17LV512/
AT17LV010
AT17LV002
AT17LV040
8-lead LAP
Yes
Yes
Yes
(3)
8-lead PDIP
Yes
Yes
8-lead SOIC
Yes
Use 8-lead
LAP(1)
Use 8-lead
LAP(1)
(3)
20-lead PLCC
Yes
Yes
Yes
20-lead SOIC
Yes(2)
Yes(2)
Yes(2)
44-lead TQFP
Yes
Yes
8
7
6
5
1
2
3
4
DATA
CLK
(WP
(1)) RESET/OE
CE
VCC
SER_EN
CEO (A2)
GND
1
2
3
4
8
7
6
5
DATA
CLK
(WP
(1)) RESET/OE
CE
VCC
SER_EN
CEO (A2)
GND
1
2
3
4
8
7
6
5
DATA
CLK
(WP
(1)) RESET/OE
CE
VCC
SER_EN
CEO (A2)
GND


Similar Part No. - AT17LV002-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV002-10JC ATMEL-AT17LV002-10JC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV002-10JC ATMEL-AT17LV002-10JC Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV002-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com