Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV512A-10JI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT17LV512A-10JI
Description  FPGA Configuration EEPROM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV512A-10JI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT17LV512A-10JI Datasheet HTML 6Page - ATMEL Corporation AT17LV512A-10JI Datasheet HTML 7Page - ATMEL Corporation AT17LV512A-10JI Datasheet HTML 8Page - ATMEL Corporation AT17LV512A-10JI Datasheet HTML 9Page - ATMEL Corporation AT17LV512A-10JI Datasheet HTML 10Page - ATMEL Corporation AT17LV512A-10JI Datasheet HTML 11Page - ATMEL Corporation AT17LV512A-10JI Datasheet HTML 12Page - ATMEL Corporation AT17LV512A-10JI Datasheet HTML 13Page - ATMEL Corporation AT17LV512A-10JI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
2322G–CNFG–03/06
AT17LV65A/128A/256A/512A/002A
Notes:
1. AC test lead = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady-state active levels.
Notes:
1. AC test lead = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady-state active levels.
17. AC Characteristics
V
CC = 3.3V ± 10%
Symbol
Description
AT17LV65A/128A/256A
AT17LV512A/010A/002A
Units
Commercial
Industrial
Commercial
Industrial
Min
Max
Min
Max
Min
Max
Min
Max
T
OE
(1)
OE to Data Delay
50
55
50
55
ns
T
CE
(1)
CE to Data Delay
60605560
ns
T
CAC
(1)
CLK to Data Delay
75
80
55
60
ns
T
OH
Data Hold from CE, OE, or CLK
0000
ns
T
DF
(2)
CE or OE to Data Float Delay
55
55
50
50
ns
T
LC
CLK Low Time
25
25
25
25
ns
T
HC
CLK High Time
25
25
25
25
ns
T
SCE
CE Setup Time to CLK
(to guarantee proper counting)
35
60
30
35
ns
T
HCE
CE Hold Time from CLK
(to guarantee proper counting)
0000
ns
T
HOE
OE High Time (guarantees counter is reset)
25
25
25
25
ns
F
MAX
Maximum Input Clock Frequency
10
10
15
10
MHz
18. AC Characteristics when Cascading
V
CC = 3.3V ± 10%
Symbol
Description
AT17LV65A/128A/256A
AT17LV512A/010A/002A
Units
Commercial
Industrial
Commercial
Industrial
Min
Max
Min
Max
Min
Max
Min
Max
T
CDF
(2)
CLK to Data Float Delay
60
60
50
50
ns
T
OCK
(1)
CLK to CEO Delay
55
60
50
55
ns
T
OCE
(1)
CE to CEO Delay
55
60
35
40
ns
T
OOE
(1)
RESET/OE to CEO Delay
40
45
35
35
ns
F
MAX
Maximum Input Clock Frequency
8
8
12.5
10
MHz


Similar Part No. - AT17LV512A-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV512A-10JI ATMEL-AT17LV512A-10JI Datasheet
134Kb / 11P
   FPGA Serial Configuration Memories
AT17LV512A-10JI ATMEL-AT17LV512A-10JI Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV512A-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com