Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV128-10SC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT17LV128-10SC
Description  FPGA Configuration EEPROM Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV128-10SC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT17LV128-10SC Datasheet HTML 2Page - ATMEL Corporation AT17LV128-10SC Datasheet HTML 3Page - ATMEL Corporation AT17LV128-10SC Datasheet HTML 4Page - ATMEL Corporation AT17LV128-10SC Datasheet HTML 5Page - ATMEL Corporation AT17LV128-10SC Datasheet HTML 6Page - ATMEL Corporation AT17LV128-10SC Datasheet HTML 7Page - ATMEL Corporation AT17LV128-10SC Datasheet HTML 8Page - ATMEL Corporation AT17LV128-10SC Datasheet HTML 9Page - ATMEL Corporation AT17LV128-10SC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
2321I–CNFG–2/08
AT17LV65/128/256/512/010/002/040
3.
Device Description
The control signals for the configuration EEPROM (CE, RESET/OE and CCLK) interface directly
with the FPGA device control signals. All FPGA devices can control the entire configuration pro-
cess and retrieve data from the configuration EEPROM without requiring an external intelligent
controller.
The configuration EEPROM RESET/OE and CE pins control the tri-state buffer on the DATA
output pin and enable the address counter. When RESET/OE is driven High, the configuration
EEPROM resets its address counter and tri-states its DATA pin. The CE pin also controls the
output of the AT17LV series configurator. If CE is held High after the RESET/OE reset pulse, the
counter is disabled and the DATA output pin is tri-stated. When OE is subsequently driven Low,
the counter and the DATA output pin are enabled. When RESET/OE is driven High again, the
address counter is reset and the DATA output pin is tri-stated, regardless of the state of CE.
When the configurator has driven out all of its data and CEO is driven Low, the device tri-states
the DATA pin to avoid contention with other configurators. Upon power-up, the address counter
is automatically reset.
This is the default setting for the device. Since almost all FPGAs use RESET Low and OE High,
this document will describe RESET/OE.
Note:
1. The CEO feature is not available on the AT17LV65 device.
4.
Pin Description
Name
I/O
AT17LV65/
AT17LV128/
AT17LV256
AT17LV512/
AT17LV010
AT17LV002
AT17LV040
8
DIP/
LAP/
SOIC
20
PLCC
20
SOIC
8
DIP/
LAP
20
PLCC
20
SOIC
8
DIP/
LAP/
SOIC
20
PLCC
20
SOIC
44
TQFP
44
TQFP
DATA
I/O
122121121
40
40
CLK
I
244243243
43
43
WP1
I
––––5––5––
RESET/OE
I
3
66368368
13
13
WP2
I
–7––7––
CE
I
4
8848
10
48
10
15
15
GND
5
10
10510
11510
11
18
18
CEO
O
614
14614
13
614
13
21
21
A2
I
READY
O
––––
15
––
15
23
23
SER_EN
I
7
17
17717
18717
18
35
35
V
CC
820
20820
20820
20
38
38


Similar Part No. - AT17LV128-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV128-10SC ATMEL-AT17LV128-10SC Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17LV128-10SC ATMEL-AT17LV128-10SC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV128-10SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com