Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV65A-10JI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT17LV65A-10JI
Description  FPGA Configuration EEPROM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV65A-10JI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT17LV65A-10JI Datasheet HTML 2Page - ATMEL Corporation AT17LV65A-10JI Datasheet HTML 3Page - ATMEL Corporation AT17LV65A-10JI Datasheet HTML 4Page - ATMEL Corporation AT17LV65A-10JI Datasheet HTML 5Page - ATMEL Corporation AT17LV65A-10JI Datasheet HTML 6Page - ATMEL Corporation AT17LV65A-10JI Datasheet HTML 7Page - ATMEL Corporation AT17LV65A-10JI Datasheet HTML 8Page - ATMEL Corporation AT17LV65A-10JI Datasheet HTML 9Page - ATMEL Corporation AT17LV65A-10JI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
2322G–CNFG–03/06
AT17LV65A/128A/256A/512A/002A
4.10
READY
Open collector reset state indicator. Driven Low during power-on reset cycle, released when
power-up is complete. (recommended 4.7 k
Ω pull-up on this pin if used).
4.11
SER_EN
Serial enable must be held High during FPGA loading operations. Bringing SER_EN Low
enables the 2-wire Serial Programming Mode. For non-ISP applications, SER_EN should be tied
to V
CC.
4.12
V
CC
3.3V (±10%) and 5.0V (±5% Commercial, ±10% Industrial) power supply pin.
5.
FPGA Master Serial Mode Summary
The I/O and logic functions of any SRAM-based FPGA are established by a configuration pro-
gram. The program is loaded either automatically upon power-up, or on command, depending
on the state of the FPGA mode pins. In Master mode, the FPGA automatically loads the config-
uration program from an external memory. The AT17A Serial Configuration EEPROM has been
designed for compatibility with the Master Serial mode.
This document discusses the Altera FLEX FPGA device interfaces
6.
Control of Configuration
Most connections between the FPGA device and the AT17A Serial EEPROM are simple and
self-explanatory.
• The DATA output of the AT17A series configurator drives DIN of the FPGA devices.
• The master FPGA DCLK output or external clock source drives the DCLK input of the AT17A
series configurator.
• The nCASC output of any AT17A series configurator drives the nCS input of the next
configurator in a cascaded chain of EEPROMs.
• SER_EN must be connected to V
CC (except during ISP).
7.
Cascading Serial Configuration EEPROMs
For multiple FPGAs configured as a daisy-chain, or for FPGAs requiring larger configuration
memories, cascaded configurators provide additional memory.
After the last bit from the first configurator is read, the next clock signal to the configurator
asserts its nCASC output low and disables its DATA line driver. The second configurator recog-
nizes the low level on its nCS input and enables its DATA output.
After configuration is complete, the address counters of all cascaded configurators are reset if
the RESET/OE on each configurator is driven to a Low level.
If the address counters are not to be reset upon completion, then the RESET/OE input can be
tied to a High level.
The
AT17LV65A devices do not have the nCASC feature to perform cascaded configurations.


Similar Part No. - AT17LV65A-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A-10JI ATMEL-AT17LV65A-10JI Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV65A-10JI ATMEL-AT17LV65A-10JI Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
More results

Similar Description - AT17LV65A-10JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com