Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25F2048-W27-11 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25F2048-W27-11
Description  2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F2048-W27-11 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25F2048-W27-11 Datasheet HTML 4Page - ATMEL Corporation AT25F2048-W27-11 Datasheet HTML 5Page - ATMEL Corporation AT25F2048-W27-11 Datasheet HTML 6Page - ATMEL Corporation AT25F2048-W27-11 Datasheet HTML 7Page - ATMEL Corporation AT25F2048-W27-11 Datasheet HTML 8Page - ATMEL Corporation AT25F2048-W27-11 Datasheet HTML 9Page - ATMEL Corporation AT25F2048-W27-11 Datasheet HTML 10Page - ATMEL Corporation AT25F2048-W27-11 Datasheet HTML 11Page - ATMEL Corporation AT25F2048-W27-11 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
AT25F2048
2455I–SFLSH–5/07
READ PRODUCT ID (RDID): The RDID instruction allows the user to read the manufac-
turer and product ID of the device. The first byte after the instruction will be the
manufacturer code (1FH = ATMEL), followed by the device code, 63H.
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select
one of four levels of protection for the AT25F2048. The AT25F2048 is divided into four
sectors where the top quarter (1/4), top half (1/2), or all of the memory sectors can be
protected (locked out) from write. Any of the locked-out sectors will therefore be read
only. The locked-out sector and the corresponding status register control bits are shown
in Table 7.
The three bits, BP0, BP1, and WPEN, are nonvolatile cells that have the same proper-
ties and functions as the regular memory cells (e.g., WREN, tWC, RDSR).
Table 6. Read Status Register Bit Definition
Bit
Definition
Bit 0 (RDY)
Bit 0 = 0 (RDY) indicates the device is READY. Bit 0 = 1 indicates the
write cycle is in progress.
Bit 1 (WEN)
Bit 1 = 0 indicates the device is not WRITE ENABLED. Bit 1 = 1 indicates
the device is WRITE ENABLED.
Bit 2 (BP0)
See Table 7.
Bit 3 (BP1)
See Table 7.
Bits 4-6 are 0s when device is not in an internal write cycle.
Bit 7 (WPEN)
See Table 8.
Bits 0-7 are 1s during an internal write cycle.
Table 7. Block Write Protect Bits
Level
Status Register Bits
AT25F2048
BP1
BP0
Array Addresses
Locked Out
Locked-out
Sector(s)
0
0
0
None
None
1(1/4)
0
1
030000 - 03FFFF
Sector 4
2(1/2)
1
0
020000 - 03FFFF
Sector 3, 4
3(All)
1
1
000000 - 03FFFF
All sectors
(1 - 4)


Similar Part No. - AT25F2048-W27-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F2048 ATMEL-AT25F2048 Datasheet
257Kb / 17P
   SPI Serial Memory 2M (262,144 x 8)
AT25F2048N ATMEL-AT25F2048N Datasheet
257Kb / 17P
   SPI Serial Memory 2M (262,144 x 8)
AT25F2048N-10SU-2.7 ATMEL-AT25F2048N-10SU-2.7 Datasheet
257Kb / 17P
   SPI Serial Memory 2M (262,144 x 8)
AT25F2048 ATMEL-AT25F2048_14 Datasheet
495Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
More results

Similar Description - AT25F2048-W27-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F2048 ATMEL-AT25F2048 Datasheet
257Kb / 17P
   SPI Serial Memory 2M (262,144 x 8)
AT25F1024A ATMEL-AT25F1024A_07 Datasheet
617Kb / 20P
   1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
logo
AiT Semiconductor Inc.
A24CM02 AITSEMI-A24CM02 Datasheet
528Kb / 17P
   MEMORY EEPROM 2M BITS (262,144 X 8) TWO-WIRE SERIAL
REV1.2
logo
Integrated Silicon Solu...
IS28F020 ISSI-IS28F020 Datasheet
695Kb / 18P
   262,144 x 8 CMOS FLASH MEMORY
logo
ATMEL Corporation
AT25F4096 ATMEL-AT25F4096_06 Datasheet
354Kb / 19P
   4Mbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
   512Kbit High Speed SPI Serial Flash Memory
logo
List of Unclassifed Man...
MR45V200A ETC2-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
AMIC Technology
A25P020 AMICC-A25P020 Datasheet
650Kb / 45P
   2Mbit Low Voltage, Serial Flash Memory
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
ATMEL Corporation
AT25FS040 ATMEL-AT25FS040_07 Datasheet
656Kb / 25P
   High Speed Small Sectored SPI Flash Memory 4M (524,288 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com