Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT94S40AL-25DGC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT94S40AL-25DGC
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S40AL-25DGC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT94S40AL-25DGC Datasheet HTML 7Page - ATMEL Corporation AT94S40AL-25DGC Datasheet HTML 8Page - ATMEL Corporation AT94S40AL-25DGC Datasheet HTML 9Page - ATMEL Corporation AT94S40AL-25DGC Datasheet HTML 10Page - ATMEL Corporation AT94S40AL-25DGC Datasheet HTML 11Page - ATMEL Corporation AT94S40AL-25DGC Datasheet HTML 12Page - ATMEL Corporation AT94S40AL-25DGC Datasheet HTML 13Page - ATMEL Corporation AT94S40AL-25DGC Datasheet HTML 14Page - ATMEL Corporation AT94S40AL-25DGC Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
2314E–FPSLI–6/05
AT94S Secure Family
4.9.5
Reading
Read instructions are initiated similarly to write instructions. However, with the R/W bit in the
Device Address set to one. There are three variants of the read instruction: current address
read, random read and sequential read.
For all reads, it is important to understand that the internal Data Byte address counter maintains
the last address accessed during the previous read or write operation, incremented by one. This
address remains valid between operations as long as the chip power is maintained and the
device remains in 2-wire access mode (i.e., SER_EN is driven Low). If the last operation was a
read at address n, then the current address would be n + 1. If the final operation was a write at
address n, then the current address would again be n + 1 with one exception. If address n was
the last byte address in the page, the incremented address n + 1 would “roll over” to the first byte
address on the next page.
4.9.5.1
Current Address Read
Once the Device Address (with the R/W select bit set to High) is clocked in and acknowledged
by the Configurator, the Data Byte at the current address is serially clocked out by the Configu-
rator in response to the clock from the programmer. The programmer generates a Stop
Condition to accept the single byte of data and terminate the read instruction.
A Current Address Read instruction consists of
a Start Condition
a Device Address with R/W = 1
An Acknowledge Bit from the Configurator
a Data Byte from the Configurator
a Stop Condition from the programmer.
4.9.5.2
Random Read
A Random Read is a Current Address Read preceded by an aborted write instruction. The write
instruction is only initiated for the purpose of loading the EEPROM Address Bytes. Once the
Device Address Byte and the EEPROM Address Bytes are clocked in and acknowledged by the
Configurator, the programmer immediately initiates a Current Address Read.
A Random Address Read instruction consists of :
a Start Condition
a Device Address with R/W = 0
An Acknowledge Bit from the Configurator
MS Byte of the EEPROM Address
An Acknowledge Bit from the Configurator
Next Byte of the EEPROM Address
An Acknowledge Bit from the Configurator
LS Byte of EEPROM Address
An Acknowledge bit from the Configurator
a Start Condition
a Device Address with R/W = 1
An Acknowledge Bit from the Configurator
a Data Byte from the Configurator
a Stop Condition from the programmer.


Similar Part No. - AT94S40AL-25DGC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S40AL-25DGC ATMEL-AT94S40AL-25DGC Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S40AL-25DGC ATMEL-AT94S40AL-25DGC Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results

Similar Description - AT94S40AL-25DGC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
STMicroelectronics
ST31P320 STMICROELECTRONICS-ST31P320 Datasheet
380Kb / 4P
   Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
Rev 4 - January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com