Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1504ASVL-20AI44 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF1504ASVL-20AI44
Description  Low-voltage, Complex Programmable Logic Device
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASVL-20AI44 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF1504ASVL-20AI44 Datasheet HTML 2Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 3Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 4Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 5Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 6Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 7Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 8Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 9Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
ATF1504ASV(L)
1409J–PLD–6/05
OR/XOR/CASCADE Logic
The ATF1504ASV(L)’s logic structure is designed to efficiently support all types of logic.
Within a single macrocell, all the product terms can be routed to the OR gate, creating a
5-input AND/OR sum term. With the addition of the CASIN from neighboring macrocells,
this can be expanded to as many as 40 product terms with little additional delay.
The macrocell’s XOR gate allows efficient implementation of compare and arithmetic
functions. One input to the XOR comes from the OR sum term. The other XOR input can
be a product term or a fixed high- or low-level. For combinatorial outputs, the fixed level
input allows polarity selection. For registered functions, the fixed levels allow DeMorgan
minimization of product terms. The XOR gate is also used to emulate T- and JK-type
flip-flops.
Flip-flop
The ATF1504ASV(L)’s flip-flop has very flexible data and control functions. The data
input can come from either the XOR gate, from a separate product term or directly from
the I/O pin. Selecting the separate product term allows creation of a buried registered
feedback within a combinatorial output macrocell. (This feature is automatically imple-
mented by the fitter software). In addition to D, T, JK and SR operation, the flip-flop can
also be configured as a flow-through latch. In this mode, data passes through when the
clock is high and is latched when the clock is low.
The clock itself can either be one of the Global CLK Signal (GCK[0 : 2]) or an individual
product term. The flip-flop changes state on the clock’s rising edge. When the GCK sig-
nal is used as the clock, one of the macrocell product terms can be selected as a clock
enable. When the clock enable function is active and the enable signal (product term) is
low, all clock edges are ignored. The flip-flop’s asynchronous reset signal (AR) can be
either the Global Clear (GCLEAR), a product term, or always off. AR can also be a logic
OR of GCLEAR with a product term. The asynchronous preset (AP) can be a product
term or always off.
Extra Feedback
The ATF1504ASV(L) macrocell output can be selected as registered or combinatorial.
The extra buried feedback signal can be either combinatorial or a registered signal
regardless of whether the output is combinatorial or registered. (This enhancement
function is automatically implemented by the fitter software.) Feedback of a buried com-
binatorial output allows the creation of a second latch within a macrocell.
I/O Control
The output enable multiplexer (MOE) controls the output enable signal. Each I/O can be
individually configured as an input, output or for bi-directional operation. The output
enable for each macrocell can be selected from the true or compliment of the two output
enable pins, a subset of the I/O pins, or a subset of the I/O macrocells. This selection is
automatically done by the fitter software when the I/O is configured as an input, all mac-
rocell resources are still available, including the buried feedback, expander and cascade
logic.
Global Bus/Switch Matrix
The global bus contains all input and I/O pin signals as well as the buried feedback sig-
nal from all 64 macrocells. The switch matrix in each logic block receives as its inputs all
signals from the global bus. Under software control, up to 40 of these signals can be
selected as inputs to the logic block.
Foldback Bus
Each macrocell also generates a foldback product term. This signal goes to the regional
bus and is available to four macrocells. The foldback is an inverse polarity of one of the
macrocell’s product terms. The four foldback terms in each region allow generation of
high fan-in sum terms (up to nine product terms) with little additional delay.


Similar Part No. - ATF1504ASVL-20AI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASVL-20AI44 ATMEL-ATF1504ASVL-20AI44 Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
More results

Similar Description - ATF1504ASVL-20AI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
AT22LV10 ATMEL-AT22LV10_14 Datasheet
415Kb / 12P
   Low-voltage Programmable Logic Device
AT22LV10L ATMEL-AT22LV10L_14 Datasheet
415Kb / 12P
   Low-voltage Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com