Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT94S10AL-25BQC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT94S10AL-25BQC
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S10AL-25BQC Datasheet(HTML) 2 Page - ATMEL Corporation

  AT94S10AL-25BQC Datasheet HTML 1Page - ATMEL Corporation AT94S10AL-25BQC Datasheet HTML 2Page - ATMEL Corporation AT94S10AL-25BQC Datasheet HTML 3Page - ATMEL Corporation AT94S10AL-25BQC Datasheet HTML 4Page - ATMEL Corporation AT94S10AL-25BQC Datasheet HTML 5Page - ATMEL Corporation AT94S10AL-25BQC Datasheet HTML 6Page - ATMEL Corporation AT94S10AL-25BQC Datasheet HTML 7Page - ATMEL Corporation AT94S10AL-25BQC Datasheet HTML 8Page - ATMEL Corporation AT94S10AL-25BQC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
2314E–FPSLI–6/05
AT94S Secure Family
V
CC: 3.0V - 3.6V
5V Tolerant I/O
3.3V 33 MHz PCI Compliant FPGA I/O
– 20 mA Sink/Source High-performance I/O Structures
– All FPGA I/O Individually Programmable
High-performance, Low-power 0.35µ CMOS Five-layer Metal Process
State-of-the-art Integrated PC-based Software Suite including Co-verification
1.
Description
The AT94S Series (Secure FPSLIC family) shown in Table 1-1 is a combination of the popular
Atmel AT40K Series SRAM FPGAs, the AT17 Series Configuration Memories and the high-per-
formance Atmel AVR 8-bit RISC microcontroller with standard peripherals. Extensive data and
instruction SRAM as well as device control and management logic are included in this multi-chip
module (MCM).
The embedded AT40K FPGA core is a fully 3.3V PCI-compliant, SRAM-based FPGA with dis-
tributed 10 ns programmable synchronous/asynchronous, dual-port/single-port SRAM, 8 global
clocks, Cache Logic ability (partially or fully reconfigurable without loss of data) and 5,000 to
40,000 usable gates.
Table 1-1.
The AT94S Series Family
Device
AT94S05AL
AT94S10AL
AT94S40AL
Configuration Memory Size
1 Mbit
1 Mbit
1 Mbit
FPGA Gates
5K
10K
40K
FPGA Core Cells
256
576
2304
FPGA SRAM Bits
2048
4096
18432
FPGA Registers (Total)
436
846
2862
Maximum FPGA User I/O
93
137
162
AVR Programmable I/O Lines
8
16
16
Program SRAM Bytes
4K - 16K
20K - 32K
20K - 32K
Data SRAM Bytes
4K - 16K
4K - 16K
4K - 16K
Hardware Multiplier (8-bit)
Yes
Yes
Yes
2-wire Serial Interface
Yes
Yes
Yes
UARTs
2
2
2
Watchdog Timer
Yes
Yes
Yes
Timer/Counters
3
3
3
Real-time Clock
Yes
Yes
Yes
JTAG ICE
Yes
Yes
Yes
Typical AVR
Throughput
@ 25 MHz
19 MIPS
19 MIPS
19 MIPS
@ 40 MHz
30 MIPS
30 MIPS
30 MIPS
Operating Voltage
3.0 - 3.6V
3.0 - 3.6V
3.0 - 3.6V


Similar Part No. - AT94S10AL-25BQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S10AL-25BQC ATMEL-AT94S10AL-25BQC Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S10AL-25BQC ATMEL-AT94S10AL-25BQC Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results

Similar Description - AT94S10AL-25BQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
STMicroelectronics
ST31P320 STMICROELECTRONICS-ST31P320 Datasheet
380Kb / 4P
   Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
Rev 4 - January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com