Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1502AS-15JI44 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF1502AS-15JI44
Description  Highperformance EEPROM CPLD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502AS-15JI44 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF1502AS-15JI44 Datasheet HTML 2Page - ATMEL Corporation ATF1502AS-15JI44 Datasheet HTML 3Page - ATMEL Corporation ATF1502AS-15JI44 Datasheet HTML 4Page - ATMEL Corporation ATF1502AS-15JI44 Datasheet HTML 5Page - ATMEL Corporation ATF1502AS-15JI44 Datasheet HTML 6Page - ATMEL Corporation ATF1502AS-15JI44 Datasheet HTML 7Page - ATMEL Corporation ATF1502AS-15JI44 Datasheet HTML 8Page - ATMEL Corporation ATF1502AS-15JI44 Datasheet HTML 9Page - ATMEL Corporation ATF1502AS-15JI44 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
ATF1502AS(L)
0995K–PLD–6/05
Input Diagram
I/O Diagram
Speed/Power
Management
The ATF1502AS has several built-in speed and power management features. The
ATF1502AS contains circuitry that automatically puts the device into a low-power standby
mode when no logic transitions are occurring. This not only reduces power consumption dur-
ing inactive periods, but also provides proportional power savings for most applications
running at system speeds below 50 MHz. This feature may be selected as a design option.
To further reduce power, each ATF1502AS macrocell has a reduced-power bit feature. This
feature allows individual macrocells to be configured for maximum power savings. This feature
may be selected as a design option.
The ATF1502AS also has an optional power-down mode. In this mode, current drops to below
10 mA. When the power-down option is selected, either PD1 or PD2 pins (or both) can be
used to power down the part. The power-down option is selected in the design source file.
When enabled, the device goes into power-down when either PD1 or PD2 is high. In the
power-down mode, all internal logic signals are latched and held, as are any enabled outputs.


Similar Part No. - ATF1502AS-15JI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502AS-15JI44 ATMEL-ATF1502AS-15JI44 Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1502AS-15JI44 ATMEL-ATF1502AS-15JI44 Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
More results

Similar Description - ATF1502AS-15JI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com