Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10C-10PU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF22V10C-10PU
Description  Highperformance EE PLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C-10PU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF22V10C-10PU Datasheet HTML 5Page - ATMEL Corporation ATF22V10C-10PU Datasheet HTML 6Page - ATMEL Corporation ATF22V10C-10PU Datasheet HTML 7Page - ATMEL Corporation ATF22V10C-10PU Datasheet HTML 8Page - ATMEL Corporation ATF22V10C-10PU Datasheet HTML 9Page - ATMEL Corporation ATF22V10C-10PU Datasheet HTML 10Page - ATMEL Corporation ATF22V10C-10PU Datasheet HTML 11Page - ATMEL Corporation ATF22V10C-10PU Datasheet HTML 12Page - ATMEL Corporation ATF22V10C-10PU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
0735S–PLD–8/08
ATF22V10C(Q)
Figure 8-2.
I/O Diagram
9.
Power-down Mode
The ATF22V10C includes an optional pin-controlled power-down feature. When this mode is
enabled, the PD pin acts as the power-down pin (Pin 4 on the DIP/SOIC packages and Pin 5 on
the PLCC package). When the PD pin is high, the device supply current is reduced to less than
100 mA. During power-down, all output data and internal logic states are latched and held.
Therefore, all registered and combinatorial output data remain valid. Any outputs that were in an
undetermined state at the onset of power-down will remain at the same state. During power-
down, all input signals except the power-down pin are blocked. Input and I/O hold latches
remain active to ensure that pins do not float to indeterminate levels, further reducing system
power. The power-down pin feature is enabled in the logic design file. Designs using the power-
down pin may not use the PD pin logic array input. However, all other PD pin macrocell
resources may still be used, including the buried feedback and foldback product term array
inputs.
PD pin configuration is controlled by the design file, and appears as a separate fuse bit in the
JEDEC file. When the power-down feature is not specified in the design file, the IN/PD pin will be
configured as a regular logic input.
Note:
Some programmers list the 22V10 JEDEC compatible 22V10C (no PD used) separately from the
non-22V10 JEDEC compatible 22V10CEX (with PD used).


Similar Part No. - ATF22V10C-10PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C-10PU ATMEL-ATF22V10C-10PU Datasheet
457Kb / 23P
   High performance EE PLD
ATF22V10C-10PU ATMEL-ATF22V10C-10PU Datasheet
1Mb / 22P
   High-performance Electrically Erasable Programmable Logic Device
More results

Similar Description - ATF22V10C-10PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com