Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF750LVC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF750LVC
Description  High-speed Complex Programmable Logic Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF750LVC_08 Datasheet HTML 3Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 4Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 5Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 6Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 7Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 8Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 9Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 10Page - ATMEL Corporation ATF750LVC_08 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
1447F–PLD–11/08
ATF750LVC
16. AC Waveforms, Input Pin Clock(1)
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
17. AC Characteristics, Input Pin Clock
Symbol
Parameter
-15 (5V Operation)
-15 (3V Operation)
Units
Min
Max
Min
Max
tPD
Input or Feedback to Non-registered Output
10
15
ns
t
EA
Input to Output Enable
10
15
ns
tER
Input to Output Disable
10
15
ns
t
COS
Clock to Output
0
7
0
10
ns
t
CFS
Clock to Feedback
0
5
0
5.5
ns
tSS
Input Setup Time
5
8
ns
t
SFS
Feedback Setup Time
5
7
ns
t
HS
Hold Time
0
5
ns
tPS
Clock Period
10
14
ns
t
WS
Clock Width
5
7
ns
fMAXS
External Feedback 1/t
SS + tCOS
83
55
MHz
Internal Feedback 1/tSFS + tCFS
100
80
MHz
No Feedback 1/t
PS
100
83
MHz
t
AW
Asynchronous Reset Width
10
15
ns
tARS
Asynchronous Reset Recovery Time
10
15
ns
t
AP
Asynchronous Reset to Registered Output Reset
10
15
ns
t
SPS
Setup Time, Synchronous Preset
5
11
ns


Similar Part No. - ATF750LVC_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC-15JC ATMEL-ATF750LVC-15JC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15JI ATMEL-ATF750LVC-15JI Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15PC ATMEL-ATF750LVC-15PC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15PI ATMEL-ATF750LVC-15PI Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750LVC-15SC ATMEL-ATF750LVC-15SC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750LVC_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com