Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1500AL-20JU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF1500AL-20JU
Description  Highperformance EPLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500AL-20JU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF1500AL-20JU Datasheet HTML 4Page - ATMEL Corporation ATF1500AL-20JU Datasheet HTML 5Page - ATMEL Corporation ATF1500AL-20JU Datasheet HTML 6Page - ATMEL Corporation ATF1500AL-20JU Datasheet HTML 7Page - ATMEL Corporation ATF1500AL-20JU Datasheet HTML 8Page - ATMEL Corporation ATF1500AL-20JU Datasheet HTML 9Page - ATMEL Corporation ATF1500AL-20JU Datasheet HTML 10Page - ATMEL Corporation ATF1500AL-20JU Datasheet HTML 11Page - ATMEL Corporation ATF1500AL-20JU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ATF1500A(L)
8
Note:
1. For slow slew outputs, add tSSO .
Register AC Characteristics, Product Term Clock
Symbol
Parameter
-7
-10
-12
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tCOA
(1)
Clock to Output
7.5
10
12
15
18
20
ns
t
CFA
Clock to Feedback
5
7
7
9
12
15
ns
tSIA
I, I/O Setup Time
3
3
4
4
8
10
ns
tSFA
Feedback Setup
Time
3
3
4
4
12
15
ns
t
HA
Input, I/O, Feedback
Hold Time
2
344
55
ns
t
PA
Clock Period
6
8
10
12
24
30
ns
tWA
Clock Width
3
4
5
6
12
15
ns
fMAXA
External Feedback
1/(t
SIA + tCOA)
95.2
76.9
62.5
52.6
38
33.3
MHz
Internal Feedback
1/(tSFA + tCFA)
125
100
90.9
76.9
41.7
33.3
MHz
No Feedback 1/(t
PA)
166.7
125
100
83.3
41.7
33.3
MHz
t
RPRA
Reset Pin Recovery
Time
0
000
0
0
ns
tRTRA
Reset Term
Recovery Time
4
566
7
8
ns


Similar Part No. - ATF1500AL-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500AL-20JC ATMEL-ATF1500AL-20JC Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1500AL-20JI ATMEL-ATF1500AL-20JI Datasheet
680Kb / 16P
   High Performance E2 PLD
More results

Similar Description - ATF1500AL-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com