Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1500AL-20AU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF1500AL-20AU
Description  Highperformance EPLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500AL-20AU Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF1500AL-20AU Datasheet HTML 1Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 2Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 3Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 4Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 5Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 6Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 7Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 8Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ATF1500A(L)
5
In addition to D, T, JK and SR operation, the flip-flop can
also be configured as a flow-through latch. In this mode,
data passes through when the clock is high and is latched
when the clock is low.
The clock itself can be either the global CLK pin or an indi-
vidual product term. The flip-flop changes state on the
clock’s rising edge. When the CLK pin is used as the clock,
one of the macrocell product terms can be selected as a
clock enable. When the clock enable function is active and
the enable signal (product term) is low, all clock edges are
ignored.
The flip-flop’s asynchronous reset signal (AR) can be either
the pin global clear (GCLR), a product term, or always off.
AR can also be a logic OR of GCLR with a product term.
The asynchronous preset (AP) can be a product term or
always off.
Output Select and Enable
The ATF1500A macrocell output can be selected as regis-
tered or combinatorial. When the output is registered, the
same registered signal is fed back internally to the global
bus. When the output is combinatorial, the buried feedback
can be either the same combinatorial signal or it can be the
register output if the separate product term is chosen as
the flip-flop input.
The output enable multiplexer (MOE) controls the output
enable signals. Any buffer can be permanently enabled for
simple output operation. Buffers can also be permanently
disabled to allow use of the pin as an input. In this configu-
ration all the macrocell resources are still available, includ-
ing the buried feedback, expander and CASCADE logic.
The output enable for each macrocell can also be selected
as either of the two OE pins or as an individual product
term.
Global/Regional Busses
The global bus contains all Input and I/O pin signals as well
as the buried feedback signal from all 32 macrocells.
Together with the complement of each signal, this provides
a 68-bit bus as input to every product term. Having the
entire global bus available to each macrocell eliminates
any potential routing problems. With this architecture
designs can be modified without requiring pinout changes.
Each macrocell also generates a foldback product term.
This signal goes to the regional bus, and is available to 16
macrocells. The foldback is an inverse polarity of one of the
macrocell’s product terms. The 16 foldback terms in each
region allow generation of high fan-in sum terms (up to 21
product terms) with little additional delay.


Similar Part No. - ATF1500AL-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500AL-20AC ATMEL-ATF1500AL-20AC Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1500AL-20AI ATMEL-ATF1500AL-20AI Datasheet
680Kb / 16P
   High Performance E2 PLD
More results

Similar Description - ATF1500AL-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com