Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1500AL-20AU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF1500AL-20AU
Description  Highperformance EPLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500AL-20AU Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF1500AL-20AU Datasheet HTML 1Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 2Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 3Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 4Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 5Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 6Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 7Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 8Page - ATMEL Corporation ATF1500AL-20AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
TQFP
Top View
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
I/O
I/O
I/O
GND
I/O
I/O
I/O
I/O
VCC
I/O
I/O
I/O
I/O
I/O
I/O
VCC
I/O
I/O
I/O
I/O
GND
I/O
PLCC
Top View
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
I/O
I/O
I/O
GND
I/O
I/O
I/O
I/O
VCC
I/O
I/O
I/O
I/O
I/O
I/O
VCC
I/O
I/O
I/O
I/O
GND
I/O
Pin Configurations
Pin
Name
Function
CLK
Clock
I
Logic Inputs
I/O
Bi-directional
Buffers
GCLR
Register Reset
(active low)
OE1,
OE2
Output Enable
(active low)
VCC
+5V Supply
PD
Power-down
(active high)
Features
High-density, High-performance Electrically-erasable Complex
Programmable Logic Device
– 44-pin, 32 I/O CPLD
– 7.5 ns Maximum Pin-to-pin Delay
– Registered Operation Up to 125 MHz
– Fully Connected Input and Feedback Logic Array
– Backward Compatibility with ATF1500/L Software and Hardware
Flexible Logic Macrocell
– D/T/Latch Configurable Flip-flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
Advanced Power Management Features
– Automatic 3 mA Standby (ATF1500AL)
– Pin-controlled 10 mA Standby Mode
– Programmable Pin-keeper Inputs and I/Os
Available in Commercial and Industrial Temperature Ranges
Available in 44-lead PLCC and TQFP Packages
Advanced Flash Technology
– 100% Tested
– Completely Reprogrammable
– 100 Program/Erase Cycles
– 20 Year Data Retention
– 2000V ESD Protection
– 200 mA Latch-up Immunity
Supported by Popular third-arty Tools
Security Fuse Feature
Pin-compatible with the Most Commonly Used Devices
Green (Pb/Halide-fee/RoHS Compliant) Package Options
Description
The ATF1500A is a high-performance, high-density complex PLD. Built on an
advanced Flash technology, it has maximum pin-to-pin delays of 7.5 ns and supports
sequential logic operation at speeds up to 125 MHz. With 32 logic macrocells and up
to 36 inputs, it easily integrates logic from several TTL, SSI, MSI and classic PLDs.
The ATF1500A’s global input and feedback architecture simplifies logic placement
and eliminates pinout changes due to design changes.
High-
performance
EPLD
ATF1500A
ATF1500AL
Rev. 0759F–6/05
(continued)


Similar Part No. - ATF1500AL-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500AL-20AC ATMEL-ATF1500AL-20AC Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF1500AL-20AI ATMEL-ATF1500AL-20AI Datasheet
680Kb / 16P
   High Performance E2 PLD
More results

Similar Description - ATF1500AL-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com