Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10CZ-15JI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF22V10CZ-15JI
Description  Highperformance EE PLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CZ-15JI Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF22V10CZ-15JI Datasheet HTML 1Page - ATMEL Corporation ATF22V10CZ-15JI Datasheet HTML 2Page - ATMEL Corporation ATF22V10CZ-15JI Datasheet HTML 3Page - ATMEL Corporation ATF22V10CZ-15JI Datasheet HTML 4Page - ATMEL Corporation ATF22V10CZ-15JI Datasheet HTML 5Page - ATMEL Corporation ATF22V10CZ-15JI Datasheet HTML 6Page - ATMEL Corporation ATF22V10CZ-15JI Datasheet HTML 7Page - ATMEL Corporation ATF22V10CZ-15JI Datasheet HTML 8Page - ATMEL Corporation ATF22V10CZ-15JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
0778J–PLD–11/07
ATF22V10C(Q)Z
Figure 1-1.
Block Diagram
2.
Pin Configurations
Table 2-1.
Pin Configurations (All Pinouts Top View)
Pin Name
Function
CLK
Clock
IN
Logic Inputs
I/O
Bi-directional Buffers
VCC
+5V Supply
Figure 2-1.
TSSOP
Figure 2-2.
DIP/SOIC
Figure 2-3.
PLCC
Note:
For PLCC, P1, P8, P15 and P22 can be
left unconnected. For superior perfor-
mance, connect VCC to pin 1 and GND
to 8, 15, and 22.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
5
6
7
8
9
10
11
25
24
23
22
21
20
19
IN
IN
IN
GND*
IN
IN
IN
I/O
I/O
I/O
GND*
I/O
I/O
I/O


Similar Part No. - ATF22V10CZ-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CZ-15JI ATMEL-ATF22V10CZ-15JI Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10CZ-15JI ATMEL-ATF22V10CZ-15JI Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22V10CZ-15JI ATMEL-ATF22V10CZ-15JI Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results

Similar Description - ATF22V10CZ-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com