Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10C-15XC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF22V10C-15XC
Description  Highperformance EE PLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C-15XC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF22V10C-15XC Datasheet HTML 4Page - ATMEL Corporation ATF22V10C-15XC Datasheet HTML 5Page - ATMEL Corporation ATF22V10C-15XC Datasheet HTML 6Page - ATMEL Corporation ATF22V10C-15XC Datasheet HTML 7Page - ATMEL Corporation ATF22V10C-15XC Datasheet HTML 8Page - ATMEL Corporation ATF22V10C-15XC Datasheet HTML 9Page - ATMEL Corporation ATF22V10C-15XC Datasheet HTML 10Page - ATMEL Corporation ATF22V10C-15XC Datasheet HTML 11Page - ATMEL Corporation ATF22V10C-15XC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
0735S–PLD–8/08
ATF22V10C(Q)
7.
Programming/Erasing
Programming/erasing is performed using standard PLD programmers. See “CMOS PLD Pro-
gramming Hardware & Software Support” for information on software/programming.
8.
Input and I/O Pin-keeper Circuits
The ATF22V10C contains internal input and I/O pin-keeper circuits. These circuits allow each
ATF22V10C pin to hold its previous value even when it is not being driven by an external source
or by the device’s output buffer. This helps to ensure that all logic array inputs are at known valid
logic levels. This reduces system power by preventing pins from floating to indeterminate levels.
By using pin-keeper circuits rather than pull-up resistors, there is no DC current required to hold
the pins in either logic state (high or low).
These pin-keeper circuits are implemented as weak feedback inverters, as shown in the Input
Diagram below. These keeper circuits can easily be overdriven by standard TTL- or CMOS-com-
patible drivers. The typical overdrive current required is 40 µA.
Figure 8-1.
Input Diagram
Table 7-1.
Programming/Erasing
Parameter
Description
Typ
Max
Units
t
PR
Power-up Reset Time
600
1,000
ns
VRST
Power-up Reset Voltage
3.8
4.5
V


Similar Part No. - ATF22V10C-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C-15XC ATMEL-ATF22V10C-15XC Datasheet
273Kb / 18P
   Highperformance EE PLD
More results

Similar Description - ATF22V10C-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com