Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF750C-7JX Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF750C-7JX
Description  High-speed Complex Programmable Logic Device
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750C-7JX Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF750C-7JX Datasheet HTML 1Page - ATMEL Corporation ATF750C-7JX Datasheet HTML 2Page - ATMEL Corporation ATF750C-7JX Datasheet HTML 3Page - ATMEL Corporation ATF750C-7JX Datasheet HTML 4Page - ATMEL Corporation ATF750C-7JX Datasheet HTML 5Page - ATMEL Corporation ATF750C-7JX Datasheet HTML 6Page - ATMEL Corporation ATF750C-7JX Datasheet HTML 7Page - ATMEL Corporation ATF750C-7JX Datasheet HTML 8Page - ATMEL Corporation ATF750C-7JX Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
0776L–PLD–11/08
ATF750C(L)
3.
Description
The ATF750C(L)s are twice as powerful as most other 24-pin programmable logic devices.
Increased product terms, sum terms, flip-flops and output logic configurations
translate into more usable gates. High-speed logic and uniform predictable delays guarantee
fast in-system performance. The ATF750C(L) is a high-performance CMOS (electrically-eras-
able) complex programmable logic device (CPLD) that utilizes Atmel’s proven electrically-
erasable technology.
Each of the ATF750C(L)’s 22 logic pins can be used as an input. Ten of these can be used as
inputs, outputs or bi-directional I/O pins. Each flip-flop is individually configurable as either D- or
T-type. Each flip-flop output is fed back into the array independently. This allows burying of all
the sum terms and flip-flops.
There are 171 total product terms available. There are two sum terms per output, providing
added flexibility. A variable format is used to assign between four to eight product terms per sum
term. Much more logic can be replaced by this device than by any other 24-pin PLD. With 20
sum terms and flip-flops, complex state machines are easily implemented with logic to spare.
Product terms provide individual clocks and asynchronous resets for each flip-flop. Each flip-flop
may also be individually configured to have direct input pin controlled clocking. Each output has
its own enable product term. One product term provides a common synchronous preset for all
flip-flops. Register preload functions are provided to simplify testing. All registers automatically
reset upon power-up.
The ATF750CL is a low-power device with speeds as fast as 15 ns. The ATF750CL provides the
optimum low-power CPLD solution. This device significantly reduces total system power,
thereby allowing battery-powered operations.
2.
Pin Configurations
Pin
Function
CLK
Clock
IN
Logic Inputs
I/O
Bi-directional Buffers
GND
Ground
VCC
+5V Supply
2.1
DIP/SOIC/TSSOP
2.2
PLCC/LCC
Note:
For PLCC, pins 1, 8, 15, and 22 can be left uncon-
nected. For superior performance, connect VCC to pin 1
and GND to pins 8, 15, and 22.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
5
6
7
8
9
10
11
25
24
23
22
21
20
19
IN
IN
IN
GND(1)
IN
IN
IN
I/O
I/O
I/O
GND(1)
I/O
I/O
I/O


Similar Part No. - ATF750C-7JX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750C-7JC ATMEL-ATF750C-7JC Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750C-7JX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com