Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF2500C Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF2500C
Description  ATF2500C CPLD Family Datasheet
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF2500C Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF2500C_08 Datasheet HTML 7Page - ATMEL Corporation ATF2500C_08 Datasheet HTML 8Page - ATMEL Corporation ATF2500C_08 Datasheet HTML 9Page - ATMEL Corporation ATF2500C_08 Datasheet HTML 10Page - ATMEL Corporation ATF2500C_08 Datasheet HTML 11Page - ATMEL Corporation ATF2500C_08 Datasheet HTML 12Page - ATMEL Corporation ATF2500C_08 Datasheet HTML 13Page - ATMEL Corporation ATF2500C_08 Datasheet HTML 14Page - ATMEL Corporation ATF2500C_08 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
0777K–PLD–1/24/08
ATF2500C
Note:
1. See I
CC versus frequency characterization curves.
10. Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1. Minimum voltage is -0.6V DC which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is V
CC + 0.75V DC
which may overshoot to +7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Junction Temperature ............................................. 150°C Max
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
11. DC and AC Operating Conditions
Commercial
Industrial
Military
Operating Temperature
0°C - 70°C
(Ambient)
-40°C - 85°C
(Ambient)
-55°C - 125°C
(Case)
V
CC Power Supply
5V ± 5%
5V ± 10%
5V ± 10%
11.1
ATF2500C DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input Load Current
V
IN = -0.1V to VCC + 1V
10
µA
I
LO
Output Leakage
Current
V
OUT = -0.1V to VCC + 0.1V
10
µA
I
CC
Power Supply
Current Standby
V
CC = MAX,
VIN = GND or
V
CC f = 0 MHz,
Outputs Open
ATF2500C
Com.
80
110
mA
Ind., Mil.
80
130
mA
V
IL
Input Low Voltage
MIN
≤V
CC ≤MAX
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.75
V
V
OL
Output Low
Voltage
VIN = VIH or VIL,
V
CC = 4.5V
IOL = 8 mA
Com., Ind.
0.5
V
I
OL = 6 mA
Mil.
0.5
V
V
OH
Output High
Voltage
V
CC = MIN
I
OH = -100 µA
V
CC - 0.3
V
IOH = -4.0 mA
2.4


Similar Part No. - ATF2500C_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF2500C-15JC ATMEL-ATF2500C-15JC Datasheet
343Kb / 20P
   ATF2500C CPLD Family Datasheet
ATF2500C-15JI ATMEL-ATF2500C-15JI Datasheet
343Kb / 20P
   ATF2500C CPLD Family Datasheet
ATF2500C-20JC ATMEL-ATF2500C-20JC Datasheet
343Kb / 20P
   ATF2500C CPLD Family Datasheet
ATF2500C-20JI ATMEL-ATF2500C-20JI Datasheet
343Kb / 20P
   ATF2500C CPLD Family Datasheet
ATF2500C-20PC ATMEL-ATF2500C-20PC Datasheet
343Kb / 20P
   ATF2500C CPLD Family Datasheet
More results

Similar Description - ATF2500C_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF2500C ATMEL-ATF2500C Datasheet
343Kb / 20P
   ATF2500C CPLD Family Datasheet
ATF1502SE ATMEL-ATF1502SE Datasheet
592Kb / 69P
   Family Datasheet
logo
Xilinx, Inc
XC2C64A XILINX-XC2C64A Datasheet
444Kb / 14P
   CoolRunner-II CPLD Family
XC9500 XILINX-XC9500 Datasheet
171Kb / 16P
   XC9500 In-System Programmable CPLD Family
XC9500XL XILINX-XC9500XL Datasheet
293Kb / 18P
   XC9500XL High-Performance CPLD Family Data Sheet
logo
Cypress Semiconductor
S6J312A CYPRESS-S6J312A Datasheet
2Mb / 139P
   32-Bit Traveo??Family Microcontroller Datasheet
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
Cypress Semiconductor
S6J311A CYPRESS-S6J311A Datasheet
2Mb / 92P
   32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J311E CYPRESS-S6J311E Datasheet
2Mb / 116P
   32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com