Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1500A-7AC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1500A-7AC
Description  Highperformance EPLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500A-7AC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1500A-7AC Datasheet HTML 7Page - ATMEL Corporation ATF1500A-7AC Datasheet HTML 8Page - ATMEL Corporation ATF1500A-7AC Datasheet HTML 9Page - ATMEL Corporation ATF1500A-7AC Datasheet HTML 10Page - ATMEL Corporation ATF1500A-7AC Datasheet HTML 11Page - ATMEL Corporation ATF1500A-7AC Datasheet HTML 12Page - ATMEL Corporation ATF1500A-7AC Datasheet HTML 13Page - ATMEL Corporation ATF1500A-7AC Datasheet HTML 14Page - ATMEL Corporation ATF1500A-7AC Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ATF1500A(L)
11
Power-up Reset
The ATF1500A’s registers are designed to reset during
power-up. At a point delayed slightly from V
CC crossing
V
RST, all registers will be reset to the low state. As a result,
the registered output state will always be low on power-up.
This feature is critical for state machine initialization. How-
ever, due to the asynchronous nature of reset and the
uncertainty of how V
CC actually rises in the system, the fol-
lowing conditions are required:
1. The V
CC rise must be monotonic, from below 0.7 volt,
2. After reset occurs, all input and feedback setup times
must be met before driving the clock signal high, and
3. Signals from which clocks are derived must remain sta-
ble during t
PR.
Power-down Mode
The ATF1500A includes an optional pin-controlled power-
down feature. When this mode is enabled, the PD pin acts
as the power down pin. When the PD pin is high, the device
supply current is reduced to less than 10 mA. During
power-down, all output data and internal logic states are
latched and held. Therefore, all registered and combinato-
rial output data remain valid. Any outputs that were in a
high-Z state at the onset of power-down will remain at
high-Z. During power-down, all input signals except the
power-down pin are blocked. Input and I/O hold latches
remain active to ensure that pins do not float to indetermi-
nate levels, further reducing system power. The power-
down pin feature is enabled in the logic design file. Designs
using the power-down pin may not use the PD pin logic
array input. However, all other PD pin macrocell resources
may still be used, including the buried feedback and fold-
back product term array inputs.
Register Preload
The ATF1500A’s registers are provided with circuitry to
allow loading of each register with either a high or a low.
This feature will simplify testing since any state can be
forced into the registers to control test sequencing. A
JEDEC file with preload is generated when a source file
with preload vectors is compiled. Once downloaded, the
JEDEC file preload sequence will be done automatically
when vectors are run by any approved programmers. The
preload mode is enabled by raising an input pin to a high
voltage level. Contact Atmel PLD Applications for PRE-
LOAD pin assignments, timing and voltage requirements.
Output Slew Rate Control
Each ATF1500A macrocell contains a configuration bit for
each I/O to control its output slew rate. This allows selected
data paths to operate at maximum throughput while reduc-
ing system noise from outputs that are not speed-critical.
Outputs default to slow edges, and may be individually set
to fast in the design file. Output transition times for outputs
configured as “slow” have a t
SSO delay adder.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATF1500A fuse patterns. Once programmed, fuse
verify and preload are prohibited. However, the 160-bit
User Signature remains accessible.
The security fuse should be programmed last, as its effect
is immediate.
Parameter
Description
Typ
Max
Units
tPR
Power-up
Reset Time
210
µs
VRST
Power-up
Reset
Voltage
3.8
4.5
V


Similar Part No. - ATF1500A-7AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A-7AC ATMEL-ATF1500A-7AC Datasheet
680Kb / 16P
   High Performance E2 PLD
More results

Similar Description - ATF1500A-7AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com