Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV512A-55RU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27LV512A-55RU
Description  512K (64K x 8) Low Voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV512A-55RU Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27LV512A-55RU Datasheet HTML 1Page - ATMEL Corporation AT27LV512A-55RU Datasheet HTML 2Page - ATMEL Corporation AT27LV512A-55RU Datasheet HTML 3Page - ATMEL Corporation AT27LV512A-55RU Datasheet HTML 4Page - ATMEL Corporation AT27LV512A-55RU Datasheet HTML 5Page - ATMEL Corporation AT27LV512A-55RU Datasheet HTML 6Page - ATMEL Corporation AT27LV512A-55RU Datasheet HTML 7Page - ATMEL Corporation AT27LV512A-55RU Datasheet HTML 8Page - ATMEL Corporation AT27LV512A-55RU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
0607F–EPROM–12/07
AT27LV512A
Notes:
1. V
CC must be applied simultaneously with or before OE/VPP, and removed simultaneously with or after OE/VPP.
2. OE/VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC
and I
PP.
8.
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
V
CC = 3.0V to 3.6V
I
LI
Input Load Current
V
IN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
I
PP1
(2)
V
PP
(1) Read/Standby Current
V
PP = VCC
10
µA
I
SB
V
CC
(1) Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
20
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
100
µA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
8mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.0 mA
0.4
V
VOH
Output High Voltage
IOH = -2.0 mA
2.4
V
VCC = 4.5V to 5.5V
I
LI
Input Load Current
V
IN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
IPP1
(2)
VPP
(1) Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1) Standby Current
I
SB1 (CMOS), CE = VCC ± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
20
mA
V
IL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V


Similar Part No. - AT27LV512A-55RU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV512A-12 ATMEL-AT27LV512A-12 Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12JC ATMEL-AT27LV512A-12JC Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12JI ATMEL-AT27LV512A-12JI Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12RC ATMEL-AT27LV512A-12RC Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12RI ATMEL-AT27LV512A-12RI Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV512A-55RU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
   512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com