Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM401.B12A004 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GM401.B12A004
Description  Absolute encoders - SSI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GM401.B12A004 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GM401.B12A004 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GM401.B12A004 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GM401.B12A004 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GM401.B12A004 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG GM401.B12A004 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG GM401.B12A004 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - SSI
www.baumerivo.com
2
GM400, GM401 - SSI
Part number
GM400.
Pulses / Incremental output
02 No incremental output
04 2048 pulses / push-pull
06 2048 pulses / RS422
07 2048 pulses / sine 1 Vpp
E-connection
A0 Connector M23, 12-pin, axial
A1 Connector M23, 12-pin, radial
A2 Connector M23, 12-pin, axial,
for incremental output 04/06/07
A3 Connector M23, 12-pin, radial,
for incremental output 04/06/07
11 Cable 1 m, axial
21 Cable 1 m, radial
Voltage supply / signals
10 10...30 VDC / gray code 25 bit
12 10...30 VDC / binary code 25 bit
20 10...30 VDC / gray code 24 bit
30 10...30 VDC / gray code 25 bit + parity
40 10...30 VDC / gray code 24 bit + DV
90 10...30 VDC / gray code 26 bit
92 10...30 VDC / binary code 26 bit
Flange / Shaft
0 Clamping flange / ø10 mm IP 54
A Clamping flange / ø10 mm IP 65
GM401.
Pulses / Incremental output
02 No incremental output
04 2048 pulses / push-pull
06 2048 pulses / RS422
07 2048 pulses / sine 1 Vpp
E-connection
A0 Connector M23, 12-pin, axial
A1 Connector M23, 12-pin, radial
A2 Connector M23, 12-pin, axial,
for incremental output 04/06/07
A3 Connector M23, 12-pin, radial,
for incremental output 04/06/07
11 Cable 1 m, axial
21 Cable 1 m, radial
Voltage supply / signals
10 10...30 VDC / gray code 25 bit
12 10...30 VDC / binary code 25 bit
20 10...30 VDC / gray code 24 bit
30 10...30 VDC / gray code 25 bit + parity
40 10...30 VDC / gray code 24 bit + DV
90 10...30 VDC / gray code 26 bit
92 10...30 VDC / binary code 26 bit
Flange / Shaft
1 Synchro flange / ø6 mm IP 54
B Synchro flange / ø6 mm IP 65
Shaft with clamping or synchro flange
Optical multiturn encoders 14 bit ST / 12 bit MT
Clamping flange
Synchro flange


Similar Part No. - GM401.B12A004

ManufacturerPart #DatasheetDescription
logo
3M Electronics
GM400 3M-GM400 Datasheet
37Kb / 4P
   3M??Gripping Material
logo
KEC(Korea Electronics)
GM400HB06CT KEC-GM400HB06CT Datasheet
421Kb / 3P
   600V/400A 2 IN ONE PACKAGE
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
logo
GREEGOO Electric Co.,Lt...
GM4024RD1 GREEGOO-GM4024RD1 Datasheet
437Kb / 2P
   GM 10 to 40 Amps Dual SSR
GM4024ZD1 GREEGOO-GM4024ZD1 Datasheet
437Kb / 2P
   GM 10 to 40 Amps Dual SSR
More results

Similar Description - GM401.B12A004

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
   Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
   Absolute encoders - SSI
GXA2S IVO-GXA2S Datasheet
653Kb / 4P
   Absolute encoders - SSI
GCM2S IVO-GCM2S Datasheet
605Kb / 4P
   Absolute encoders - SSI
GXM2S IVO-GXM2S Datasheet
655Kb / 4P
   Absolute encoders - SSI
G0M2H IVO-G0M2H Datasheet
597Kb / 4P
   Absolute encoders - SSI
GCM2W IVO-GCM2W Datasheet
641Kb / 4P
   Absolute encoders - SSI
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
   Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
   Absolute encoders - SSI
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com