Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV256A-90RU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27LV256A-90RU
Description  256K (32K x 8) Low-voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV256A-90RU Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27LV256A-90RU Datasheet HTML 1Page - ATMEL Corporation AT27LV256A-90RU Datasheet HTML 2Page - ATMEL Corporation AT27LV256A-90RU Datasheet HTML 3Page - ATMEL Corporation AT27LV256A-90RU Datasheet HTML 4Page - ATMEL Corporation AT27LV256A-90RU Datasheet HTML 5Page - ATMEL Corporation AT27LV256A-90RU Datasheet HTML 6Page - ATMEL Corporation AT27LV256A-90RU Datasheet HTML 7Page - ATMEL Corporation AT27LV256A-90RU Datasheet HTML 8Page - ATMEL Corporation AT27LV256A-90RU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
Fast Read Access Time – 55 ns
Dual Voltage Range Operation
– Low-voltage Power Supply Range, 3.0V to 3.6V
or Standard 5V
± 10% Supply Range
Pin Compatible with JEDEC Standard AT27C256R
Low-power CMOS Operation
– 20 µA Max (Less than 1 µA Typical) Standby for V
CC = 3.6V
– 29 mW Max Active at 5 MHz for V
CC = 3.6V
JEDEC Standard Packages
– 32-lead PLCC
– 28-lead SOIC
– 28-lead TSOP
High-reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latchup Immunity
Rapid Programming Algorithm – 100 µs/Byte (Typical)
CMOS and TTL Compatible Inputs and Outputs
– JEDEC Standard for LVTTL
Integrated Product Identification Code
Industrial Temperature Range
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT27LV256A is a high-performance, low-power, low-voltage 262,144-bit one-
time programmable read-only memory (OTP EPROM) organized as 32K by 8 bits. It
requires only one supply in the range of 3.0V to 3.6V in normal read mode operation,
making it ideal for fast, portable systems using battery power.
Atmel’s innovative design techniques provide fast speeds that rival 5V parts while
keeping the low power consumption of a 3.3V supply. At V
CC = 3.0V, any byte can be
accessed in less than 55 ns. With a typical power dissipation of only 18 mW at 5 MHz
and V
CC = 3.3V, the AT27LV256A consumes less than one fifth the power of a stan-
dard 5V EPROM. Standby mode supply current is typically less than 1 µA at 3.3V.
The AT27LV256A is available in industry-standard JEDEC-approved one-time
programmable (OTP) plastic PLCC, SOIC and TSOP packages. All devices feature
two-line control (CE, OE) to give designers the flexibility to prevent bus contention.
The AT27LV256A operating with V
CC at 3.0V produces TTL level outputs that are
compatible with standard TTL logic devices operating at V
CC = 5.0V. The device is
also capable of standard 5-volt operation making it ideally suited for dual supply range
systems or card products that are pluggable in both 3-volt and 5-volt hosts.
Atmel’s AT27LV256A has additional features to ensure high quality and efficient pro-
duction use. The Rapid Programming Algorithm reduces the time required to program
the part and guarantees reliable programming. Programming time is typically only
100 µs/byte. The Integrated Product Identification Code electronically identifies the
device and manufacturer. This feature is used by industry-standard programming
equipment to select the proper programming algorithms and voltages. The
AT27LV256A programs exactly the same way as a standard 5V AT27C256R and
uses the same programming equipment.
256K (32K x 8)
Low-voltage
OTP EPROM
AT27LV256A
0547G–EPROM–12/07


Similar Part No. - AT27LV256A-90RU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV256A-90RC ATMEL-AT27LV256A-90RC Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27LV256A-90RI ATMEL-AT27LV256A-90RI Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV256A-90RU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
   256K(32K x 8-bit) UV and OTP EPROM
logo
ATMEL Corporation
AT27BV256 ATMEL-AT27BV256_07 Datasheet
420Kb / 15P
   256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com