Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV040A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27LV040A
Description  4-Megabit (512K x 8) Low Voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV040A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27LV040A Datasheet HTML 1Page - ATMEL Corporation AT27LV040A Datasheet HTML 2Page - ATMEL Corporation AT27LV040A Datasheet HTML 3Page - ATMEL Corporation AT27LV040A Datasheet HTML 4Page - ATMEL Corporation AT27LV040A Datasheet HTML 5Page - ATMEL Corporation AT27LV040A Datasheet HTML 6Page - ATMEL Corporation AT27LV040A Datasheet HTML 7Page - ATMEL Corporation AT27LV040A Datasheet HTML 8Page - ATMEL Corporation AT27LV040A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
Fast Read Access Time – 90 ns
Dual Voltage Range Operation
– Low Voltage Power Supply Range, 3.0V to 3.6V
or Standard 5V
± 10% Supply Range
Compatible With JEDEC Standard AT27C040
Low Power 3.3-volt CMOS Operation
– 20 µA Max (Less than 1 µA Typical) Standby for V
CC = 3.6V
– 36 mW Max Active at 5 MHz for VCC = 3.6V
JEDEC Standard Packages
– 32-lead PLCC
– 32-lead TSOP
– 32-lead VSOP
High Reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latchup Immunity
Rapid Programming Algorithm – 100 µs/Byte (Typical)
CMOS and TTL Compatible Inputs and Outputs
– JEDEC Standard for LVTTL
Integrated Product Identification Code
Industrial Temperature Range
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT27LV040A is a high-performance, low-power, low-voltage, 4,194,304-bit one-
time programmable read-only memory (OTP EPROM) organized as 512K by 8 bits. It
requires only one supply in the range of 3.0 to 3.6V in normal read mode operation,
making it ideal for fast, portable systems using battery power.
Atmel’s innovative design techniques provide fast speeds that rival 5V parts while
keeping the low power consumption of a 3V supply. At V
CC = 3.0V, any byte can be
accessed in less than 90 ns. With a typical power dissipation of only 18 mW at 5 MHz
and V
CC = 3.3V, the AT27LV040A consumes less than one half the power of a stan-
dard 5V EPROM. Standby mode supply current is typically less than 1 µA at 3.3V.
The AT27LV040A is available in industry-standard JEDEC-approved one-time pro-
grammable (OTP) plastic PLCC, TSOP, and VSOP packages. All devices feature two-
line control (CE, OE) to give designers the flexibility to prevent bus contention.
The AT27LV040A operating with V
CC at 3.0V produces TTL level outputs that are
compatible with standard TTL logic devices operating at V
CC = 5.0V. The device is
also capable of standard 5-volt operation making it ideally suited for dual supply range
systems or card products that are pluggable in both 3-volt and 5-volt hosts.
Atmel’s AT27LV040A has additional features to ensure high quality and efficient pro-
duction use. The Rapid Programming Algorithm reduces the time required to program
the part and guarantees reliable programming. Programming time is typically only
100 µs/byte. The Integrated Product Identification Code electronically identifies the
device and manufacturer. This feature is used by industry-standard programming
equipment to select the proper programming algorithms and voltages. The
AT27LV040A programs exactly the same way as a standard 5V AT27C040 and uses
the same programming equipment.
4-Megabit
(512K x 8)
Low Voltage
OTP EPROM
AT27LV040A
0557D–EPROM–12/07


Similar Part No. - AT27LV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12 ATMEL-AT27LV040A-12 Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12JC ATMEL-AT27LV040A-12JC Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12JI ATMEL-AT27LV040A-12JI Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12TC ATMEL-AT27LV040A-12TC Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com