Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV020A-12JU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27LV020A-12JU
Description  2-Megabit (256K x 8) Low Voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV020A-12JU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27LV020A-12JU Datasheet HTML 1Page - ATMEL Corporation AT27LV020A-12JU Datasheet HTML 2Page - ATMEL Corporation AT27LV020A-12JU Datasheet HTML 3Page - ATMEL Corporation AT27LV020A-12JU Datasheet HTML 4Page - ATMEL Corporation AT27LV020A-12JU Datasheet HTML 5Page - ATMEL Corporation AT27LV020A-12JU Datasheet HTML 6Page - ATMEL Corporation AT27LV020A-12JU Datasheet HTML 7Page - ATMEL Corporation AT27LV020A-12JU Datasheet HTML 8Page - ATMEL Corporation AT27LV020A-12JU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
0549G–EPROM–12/07
AT27LV020A
Notes:
1. X can be VIL or VIH.
2. Read, output disable, and standby modes require, 3.0V
≤V
CC ≤3.6V, or 4.5V ≤VCC ≤5.5V.
3. Refer to Programming Characteristics. Programming modes require V
CC = 6.5V.
4. VH = 12.0 ± 0.5V.
5. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled
low (V
IL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
6.
Operating Modes
Mode/Pin
CE
OE
PGM
Ai
V
PP
V
CC
Outputs
Read(2)
V
IL
V
IL
X(1)
Ai
X
V
CC
D
OUT
Output Disable(2)
XVIH
XX
X
VCC
High Z
Standby(2)
V
IH
XX
X
X
V
CC
High Z
Rapid Program(3)
VIL
VIH
VIL
Ai
VPP
VCC
DIN
PGM Verify(3)
VIL
VIL
VIH
Ai
VPP
VCC
DOUT
PGM Inhibit(3)
V
IH
XX
X
V
PP
V
CC
High Z
Product Identification(3)(5)
VIL
VIL
X
A9 = VH
(4)
A0 = VIH or VIL
A1 - A17 = V
IL
XVCC
Identification Code
7.
DC and AC Operating Conditions for Read Operation
AT27LV020A-12
Industrial Operating Temperature (Case)
-40
° C - 85° C
V
CC Power Supply
3.0V to 3.6V
5V ± 10%


Similar Part No. - AT27LV020A-12JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A-12JC ATMEL-AT27LV020A-12JC Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A-12JI ATMEL-AT27LV020A-12JI Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
More results

Similar Description - AT27LV020A-12JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com