Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV040A-90TI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27LV040A-90TI
Description  4-Megabit (512K x 8) Low Voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV040A-90TI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27LV040A-90TI Datasheet HTML 1Page - ATMEL Corporation AT27LV040A-90TI Datasheet HTML 2Page - ATMEL Corporation AT27LV040A-90TI Datasheet HTML 3Page - ATMEL Corporation AT27LV040A-90TI Datasheet HTML 4Page - ATMEL Corporation AT27LV040A-90TI Datasheet HTML 5Page - ATMEL Corporation AT27LV040A-90TI Datasheet HTML 6Page - ATMEL Corporation AT27LV040A-90TI Datasheet HTML 7Page - ATMEL Corporation AT27LV040A-90TI Datasheet HTML 8Page - ATMEL Corporation AT27LV040A-90TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
0557D–EPROM–12/07
AT27LV040A
Notes:
1. V
CC must be applied simultaneously with or before VPP, and removed simultaneously with or after VPP.
2. V
PP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
8.
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
V
CC = 3.0V to 3.6V
ILI
Input Load Current
VIN = 0V to VCC
±1µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC
±5µA
IPP1
(2)
VPP
(1) Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1) Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
20
µA
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
100
µA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
10
mA
VIL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 2.0 mA
0.4
V
VOH
Output High Voltage
IOH = -2.0 mA
2.4
V
V
CC = 4.5V to 5.5V
ILI
Input Load Current
VIN = 0V to VCC
±1µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5µA
I
PP1
(2)
V
PP
(1) Read/Standby Current
V
PP = VCC
10
µA
I
SB
V
CC
(1) Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
30
mA
VIL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA
2.4
V


Similar Part No. - AT27LV040A-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV040A-12 ATMEL-AT27LV040A-12 Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12JC ATMEL-AT27LV040A-12JC Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12JI ATMEL-AT27LV040A-12JI Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12TC ATMEL-AT27LV040A-12TC Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12TI ATMEL-AT27LV040A-12TI Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV040A-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com