Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27LV040A-90JI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27LV040A-90JI
Description  4-Megabit (512K x 8) Low Voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV040A-90JI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27LV040A-90JI Datasheet HTML 1Page - ATMEL Corporation AT27LV040A-90JI Datasheet HTML 2Page - ATMEL Corporation AT27LV040A-90JI Datasheet HTML 3Page - ATMEL Corporation AT27LV040A-90JI Datasheet HTML 4Page - ATMEL Corporation AT27LV040A-90JI Datasheet HTML 5Page - ATMEL Corporation AT27LV040A-90JI Datasheet HTML 6Page - ATMEL Corporation AT27LV040A-90JI Datasheet HTML 7Page - ATMEL Corporation AT27LV040A-90JI Datasheet HTML 8Page - ATMEL Corporation AT27LV040A-90JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
0557D–EPROM–12/07
AT27LV040A
3.
System Considerations
Switching between active and standby conditions via the Chip Enable pin may produce transient
voltage excursions. Unless accommodated by the system design, these transients may exceed
datasheet limits, resulting in device non-conformance. At a minimum, a 0.1 µF high frequency,
low inherent inductance, ceramic capacitor should be utilized for each device. This capacitor
should be connected between the V
CC and Ground terminals of the device, as close to the
device as possible. Additionally, to stabilize the supply voltage level on printed circuit boards
with large EPROM arrays, a 4.7 µF bulk electrolytic capacitor should be utilized, again con-
nected between the V
CC and Ground terminals. This capacitor should be positioned as close as
possible to the point where the power supply is connected to the array.
4.
Block Diagram
Note:
1. Minimum voltage is -0.6V DC which may undershoot to -2.0V for pulses of less than 20 ns. Maximum output pin voltage is
V
CC + 0.75V DC which may be exceeded if certain precautions are observed (consult application notes) and which may
overshoot to +7.0V for pulses of less than 20 ns.
5.
Absolute Maximum Ratings*
Temperature Under Bias.................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability
Storage Temperature ..................................... -65°C to +125°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on A9 with
Respect to Ground ......................................-2.0V to +14.0V(1)
V
PP Supply Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)


Similar Part No. - AT27LV040A-90JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV040A-12 ATMEL-AT27LV040A-12 Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12JC ATMEL-AT27LV040A-12JC Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12JI ATMEL-AT27LV040A-12JI Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12TC ATMEL-AT27LV040A-12TC Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27LV040A-12TI ATMEL-AT27LV040A-12TI Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV040A-90JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com