Part Name
         Description
AT27LV020A_07

 2-Megabit (256K x 8) Low Voltage OTP EPROM ( 15 Page)


ATMEL
100% 
Zoom Out Zoom In
 
 5 page
background image
5
0549G–EPROM–12/07
AT27LV020A
Notes:
1. V
CC must be applied simultaneously with or before VPP, and removed simultaneously with or after VPP.
2. V
PP may be connected directly to VCC, except during programming. The supply current would then be the sun of ICC and IPP.
8.
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
V
CC = 3.0V to 3.6V
I
LI
Input Load Current
V
IN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
I
PP1
Read/Standby Current(1)
V
PP = VCC
10
µA
I
SB
V
CC Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
20
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
100
µA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
8mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.0 mA
0.4
V
VOH
Output High Voltage
IOH = -2.0 mA
2.4
V
VCC = 4.5V to 5.5V
I
LI
Input Load Current
V
IN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
IPP1
Read/Standby Current(1)
VPP = VCC
10
µA
ISB
VCC Standby Current
I
SB1 (CMOS), CE = VCC ± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
25
mA
V
IL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
V
OH
Output High Voltage
I
OH = -400 µA
2.4
V



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
M27W801_068 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 1 2 3 4 5 MoreSTMicroelectronics
AT27LV010A_071-Megabit 128K x 8 Low Voltage OTP EPROM 1 2 3 4 5 MoreATMEL Corporation
M27V160_0616 Mbit 2Mb x8 or 1Mb x16 Low Voltage UV EPROM and OTP EPROM 1 2 3 4 5 MoreSTMicroelectronics
M27W101_061 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM 1 2 3 4 5 MoreSTMicroelectronics
M27W201_062 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 1 2 3 4 5 MoreSTMicroelectronics
M27W401_064 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM 1 2 3 4 5 MoreSTMicroelectronics
EM620FV8BT256K x8 bit Low Power and Low Voltage Full CMOS Static RAM 1 2 3 4 5 MoreEmerging Memory & Logic Solutions Inc
EM644FV16FU256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 1 2 3 4 5 MoreEmerging Memory & Logic Solutions Inc
EM620FU8B256K x8 bit Low Power and Low Voltage Full CMOS Static RAM 1 2 3 4 5 MoreEmerging Memory & Logic Solutions Inc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl