Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM66T-32L Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # UM66T-32L
Description  UM66T Simple Melody Generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

UM66T-32L Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  UM66T-32L Datasheet HTML 1Page - BOWIN ELECTRONIC CO. UM66T-32L Datasheet HTML 2Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UM66T-09L
Bowin Microelectronics
_________________________________________________________
BOWIN ELECTRONIC COMPANY
www.bowin-ic.com.hk
2
Pin Configuration (Front View)
Pin no.
Symbol
Description
1
O/P
Melody Output
2
VDD
Positive Power Supply
3
Vss
Negative Power Supply
Typical Application Circuits
LEVEL HOLD MODE FOR SPEAKER
LEVEL HOLD MODE FOR PIEZO BUZZER
Recommended values : C = 1µF , R = 4.7KΩ , Q = 2SC9013
REV.9-2008 (2 pages)


Similar Part No. - UM66T-32L

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
UM66T-32L BOWIN-UM66T-32L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-32L BOWIN-UM66T-32L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-32L BOWIN-UM66T-32L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-32L BOWIN-UM66T-32L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-32L BOWIN-UM66T-32L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
More results

Similar Description - UM66T-32L

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
UM66T-68L BOWIN-UM66T-68L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-05L BOWIN-UM66T-05L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-XXL BOWIN-UM66T-XXL Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-19L BOWIN-UM66T-19L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-01L BOWIN-UM66T-01L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-08S BOWIN-UM66T-08S Datasheet
36Kb / 2P
   UM66T Simple Melody Generator
UM66T-19S BOWIN-UM66T-19S Datasheet
35Kb / 2P
   UM66T Simple Melody Generator
UM66T-32L BOWIN-UM66T-32L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
logo
Micro Electronics
M67 MICRO-ELECTRONICS-M67 Datasheet
50Kb / 2P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
FT66T-XX ETC2-FT66T-XX Datasheet
214Kb / 2P
   SIMPLE MELODY GENERATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com