Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF20V8B-10SI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF20V8B-10SI
Description  Highperformance EE PLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8B-10SI Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF20V8B-10SI Datasheet HTML 1Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 2Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 3Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 4Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 5Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 6Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 7Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 8Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ATF20V8B(Q)(L)
5
Input Test Waveforms and
Measurement Levels
t
R, tF < 5 ns (10% to 90%)
Output Test Loads
Commercial
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Power-up Reset
The registers in the ATF20V8Bs are designed to reset dur-
ing power-up. At a point delayed slightly from V
CC crossing
V
RST, all registers will be reset to the low state. As a result,
the registered output state will always be high on power-up.
This feature is critical for state machine initialization. How-
ever, due to the asynchronous nature of reset and the
uncertainty of how V
CC actually rises in the system, the fol-
lowing conditions are required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup
times must be met before driving the clock pin high,
and
3.
The clock must remain stable during t
PR.
Preload of Registered Outputs
The ATF16V8B’s registers are provided with circuitry to
allow loading of each register with either a high or a low.
This feature will simplify testing since any state can be
forced into the registers to control test sequencing. A
JEDEC file with preload is generated when a source file
with vectors is compiled. Once downloaded, the JEDEC file
preload sequence will be done automatically by most of the
approved programmers after the programming.
Electronic Signature Word
There are 64 bits of programmable memory that are always
available to the user, even if the device is secured. These
bits can be used for user-specific data.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATF20V8B fuse patterns. Once programmed, fuse
verify and preload are inhibited. However, the 64-bit User
Signature remains accessible.
The security fuse should be programmed last, as its effect
is immediate.
Programming/Erasing
Programming/erasing is performed using standard PLD
programmers. For further information, see the Configurable
Logic Databook, section titled, “CMOS PLD Programming
Hardware and Software Support.”
Pin Capacitance
f = 1 MHz, T = 25°C
(1)
Typ
Max
Units
Conditions
CIN
58
pF
VIN = 0V
C
OUT
68
pF
V
OUT = 0V
Parameter
Description
Typ
Max
Units
tPR
Power-up Reset Time
600
1,000
ns
V
RST
Power-up Reset Voltage
3.8
4.5
V


Similar Part No. - ATF20V8B-10SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B-10SI ATMEL-ATF20V8B-10SI Datasheet
758Kb / 17P
   High- Performance EE PLD
More results

Similar Description - ATF20V8B-10SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com