Part Name
         Description
AT29C512_08

 512K (64K x 8) 5-volt Only Flash Memory ( 18 Page)


ATMEL
100% 
Zoom Out Zoom In
 
 5 page
background image
5
0456i–FLASH–9/08
AT29C512
4.7
DATA Polling
The AT29C512 features DATA polling to indicate the end of a program cycle. During a program
cycle an attempted read of the last byte loaded will result in the complement of the loaded data
on I/O7. Once the program cycle has been completed, true data is valid on all outputs and the
next cycle may begin. DATA polling may begin at any time during the program cycle.
4.8
Toggle Bit
In addition to DATA polling the AT29C512 provides another method for determining the end of a
program or erase cycle. During a program or erase operation, successive attempts to read data
from the device will result in I/O6 toggling between one and zero. Once the program cycle has
completed, I/O6 will stop toggling and valid data will be read. Examining the toggle bit may begin
at any time during a program cycle.
4.9
Optional Chip Erase Mode
The entire device can be erased by using a 6-byte software code. Please see Software Chip
Erase application note for details.
5.
Absolute Maximum Ratings*
Temperature Under Bias............................... -55
° C to +125° C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature .................................... -65
° C to +150° C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
Voltage on OE
with Respect to Ground ...................................-0.6V to +13.5V



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AT29C040A_084-megabit 512K x 8 5-volt Only 256-byte Sector Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT29LV512_08512K 64K x 8 3-volt Only Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT29C010A_021-Megabit 128K x 8 5-volt Only Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AT29C0202-megabit 256K x 8 5-volt Only Flash Memory 1 2 3 4 5 MoreATMEL Corporation
F49L004UA4 Mbit 512K x 8 3V Only CMOS Flash Memory 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
AT29C010A_081-megabit 128K x 8 5-volt Only Flash Memory 1 2 3 4 5 MoreATMEL Corporation
F49L040A4 Mbit 512K x 8 3V Only CMOS Flash Memory 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
AT29LV040A_084-megabit 512K x 8 3-volt Only 256-byte Sector Flash Memory 1 2 3 4 5 MoreATMEL Corporation
F49L400UA4 Mbit 512K x 8/256K x 16 3V Only CMOS Flash Memory 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
AT29LV10241-Megabit 64K x 16 3-volt Only Flash Memory 1 2 3 4 5 MoreATMEL Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl